Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ULV1012G-07-AG6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # ULV1012G-07-AG6-R
Description  CMOS IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULV1012G-07-AG6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  ULV1012G-07-AG6-R Datasheet HTML 1Page - Unisonic Technologies ULV1012G-07-AG6-R Datasheet HTML 2Page - Unisonic Technologies ULV1012G-07-AG6-R Datasheet HTML 3Page - Unisonic Technologies ULV1012G-07-AG6-R Datasheet HTML 4Page - Unisonic Technologies ULV1012G-07-AG6-R Datasheet HTML 5Page - Unisonic Technologies ULV1012G-07-AG6-R Datasheet HTML 6Page - Unisonic Technologies ULV1012G-07-AG6-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
ULV1012
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R107-073.a
ANALOG SERIES:
PRE-AMPLIFIED IC'S FOR
HIGH GAIN 2-WIRE
MICROPHONES
DESCRIPTION
The UTC ULV1012 is high gain, high impedance per-amplifier
which is designed to replace the JFET amplifier currently being
used. The UTC ULV1012 audio amplifiers are specified to operate
over a 2.2V to 5.0V supply voltage range with fixed gains of 7.8dB,
15.6dB, 20.9dB, and 23.8dB. The devices offer excellent THD, gain
accuracy and temperature stability as compared to a JFET
microphone.
The UTC ULV1012 series is ideally suited for applications
requiring high signal integrity in the presence of ambient or RF
noise, such as in cellular communications.
The UTC ULV1012 suited for use in headsets, mobile
communications,
automotive
accessories,
PDAs,
accessory
microphone
products
and
telephone
Electret
Condenser
Microphones (ECM).
FEATURES
* Typical ULV1012-15, 2.2V Supply, RL=2.2kΩ, C=2.2μF,
VIN=18mVPP, Unless Otherwise Specified
* Supply Voltage: 2V ~ 5V
* Supply Current: <180μA
* Voltage Gain
– ULV1012-07: 7.8dB
– ULV1012-15: 15.6dB
– ULV1012-20: 20.9dB
– ULV1012-25: 23.8dB
* Temperature Range: −40°C~85°C
SOT-26
4
5
3
2
1
6
ORDERING INFORMATION
Ordering Number
Package
Packing
ULV1012G-xx-AG6-R
SOT-26
Tape Reel


Similar Part No. - ULV1012G-07-AG6-R

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
ULV100 RHOPOINT-ULV100 Datasheet
239Kb / 2P
ULV/ULH TYPE
More results

Similar Description - ULV1012G-07-AG6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3510 UTC-3510 Datasheet
106Kb / 9P
CMOS IC
3511 UTC-3511 Datasheet
55Kb / 7P
CMOS IC
3521 UTC-3521 Datasheet
45Kb / 4P
CMOS IC
6610 UTC-6610 Datasheet
148Kb / 15P
CMOS IC
L5201 UTC-L5201_15 Datasheet
169Kb / 7P
CMOS IC
UCSR3602SL-D07A-T UTC-UCSR3602SL-D07A-T Datasheet
258Kb / 9P
CMOS IC
UPSL104AG-AG6-R UTC-UPSL104AG-AG6-R Datasheet
184Kb / 6P
CMOS IC
US5C3305G-SM1-R UTC-US5C3305G-SM1-R Datasheet
225Kb / 5P
CMOS IC
US206HG-10-AF5-R UTC-US206HG-10-AF5-R Datasheet
153Kb / 4P
CMOS IC
UU97950G-P48-R UTC-UU97950G-P48-R Datasheet
297Kb / 14P
CMOS IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com