Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ULV1012G-07-AG6-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # ULV1012G-07-AG6-R
Description  CMOS IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULV1012G-07-AG6-R Datasheet(HTML) 6 Page - Unisonic Technologies

  ULV1012G-07-AG6-R Datasheet HTML 1Page - Unisonic Technologies ULV1012G-07-AG6-R Datasheet HTML 2Page - Unisonic Technologies ULV1012G-07-AG6-R Datasheet HTML 3Page - Unisonic Technologies ULV1012G-07-AG6-R Datasheet HTML 4Page - Unisonic Technologies ULV1012G-07-AG6-R Datasheet HTML 5Page - Unisonic Technologies ULV1012G-07-AG6-R Datasheet HTML 6Page - Unisonic Technologies ULV1012G-07-AG6-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ULV1012
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R107-073.a
5V ELECTRICAL CHARACTERISTICS (Note 1)
(Unless otherwise specified, all limits are specified for TJ=25°C, VDD=5V, VIN=18mV, RL=2.2kΩ and C=2.2μF.
Boldface
limits apply at the temperature extremes.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 2)
TYP
(Note 3)
MAX
(Note 2)
UNIT
158
250
μA
ULV1012-07
300
μA
200
300
μA
ULV1012-15
325
μA
188
260
μA
ULV1012-20
310
μA
160
250
μA
Supply Current
IDD
VIN=GND
ULV1012-25
300
μA
ULV1012-07
59
dB
ULV1012-15
60
dB
ULV1012-20
61
dB
Signal To Noise Ratio
SNR
f=1kHz,
VIN=18mV,
A-Weighted
ULV1012-25
61
dB
ULV1012-07
170
mVPP
ULV1012-15
100
mVPP
ULV1012-20
55
mVPP
Max Input Signal
VIN
f=1kHz and
THD+N<1%
ULV1012-25
28
mVPP
4.45
4.65
4.80
V
ULV1012-07
4.38
4.85
V
4.34
4.56
4.74
V
ULV1012-15
4.28
4.80
V
4.40
4.58
4.75
V
ULV1012-20
4.30
4.85
V
4.45
4.65
4.83
V
Output Voltage
VOUT
VIN=GND
ULV1012-25
4.39
4.86
V
Lower −3dB Roll Off Frequency
fLOW
RSOURCE=50Ω
67
Hz
Upper −3dB Roll Off Frequency
fHIGH
RSOURCE=50Ω
150
kHz
ULV1012-07
-96
dBV
ULV1012-15
-89
dBV
ULV1012-20
-84
dBV
Output Noise
en
A-Weighted
ULV1012-25
-82
dBV
ULV1012-07
0.12
%
ULV1012-15
0.13
%
ULV1012-20
0.18
%
Total Harmonic Distortion
THD
f=1kHz,
VIN=18mV
ULV1012-25
0.21
%
Input Capacitance
CIN
2
pF
Input Impedance
ZIN
>1000
GΩ
6.4
8.1
9.5
dB
ULV1012-07
5.5
10.7
dB
14.0
15.6
16.9
dB
ULV1012-15
13.1
17.5
dB
19.2
21.1
22.3
dB
ULV1012-20
17.0
23.5
dB
22.5
23.9
25.0
dB
Gain
AV
f=1kHz,
RSOURCE=50Ω
ULV1012-25
21.2
25.8
dB
Notes: 1. Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing
conditions result in very limited self-heating of the device such that TJ=TA. No specification of parametric
performance is indicated in the electrical tables under conditions of internal self-heating where TJ>TA.
2. All limits are specified by design or statistical analysis.
3. Typical values represent the most likely parametric norm.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com