Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GWKAHJB1.EM-SSST-30S3 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # GWKAHJB1.EM-SSST-30S3
Description  Indoor General Lighting
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWKAHJB1.EM-SSST-30S3 Datasheet(HTML) 1 Page - OSRAM GmbH

  GWKAHJB1.EM-SSST-30S3 Datasheet HTML 1Page - OSRAM GmbH GWKAHJB1.EM-SSST-30S3 Datasheet HTML 2Page - OSRAM GmbH GWKAHJB1.EM-SSST-30S3 Datasheet HTML 3Page - OSRAM GmbH GWKAHJB1.EM-SSST-30S3 Datasheet HTML 4Page - OSRAM GmbH GWKAHJB1.EM-SSST-30S3 Datasheet HTML 5Page - OSRAM GmbH GWKAHJB1.EM-SSST-30S3 Datasheet HTML 6Page - OSRAM GmbH GWKAHJB1.EM-SSST-30S3 Datasheet HTML 7Page - OSRAM GmbH GWKAHJB1.EM-SSST-30S3 Datasheet HTML 8Page - OSRAM GmbH GWKAHJB1.EM-SSST-30S3 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
2015-01-21
1
2015-01-21
SOLERIQ
® S 19
Datasheet
Version 1.1
GW KAHJB1.EM
The SOLERIQ® S products were specifically designed
for applications requiring large flux packages out of a
compact area.
Die SOLERIQ® S Produkte wurden speziell für
Anwendungen entwickelt, die großen Lichtstrom aus
einer kompakten Fläche benötigen.
Features:
Besondere Merkmale:
• Package: Chip-on-Board
Gehäusetyp: Chip-on-Board
• Viewing angle at 50 % I
V: 120°
Abstrahlwinkel bei 50 % I
V: 120°
• Color: 2700 K - 4000 K (white)
Farbe: 2700 K - 4000 K (weiß)
• CRI: min. 80 ( typ. 82 )
CRI: min. 80 ( typ. 82 )
• Luminous Flux: typ. 2800 lm @ 4000 K, 85 °C
Lichtstrom: typ. 2800 lm @ 4000 K, 85 °C
• Luminous efficacy: typ. 117 lm/W @ 4000 K,
85 °C
Lichtausbeute: typ. 117 lm/W @ 4000 K, 85 °C
Applications
Anwendungen
• Spot lights
Spot-Leuchten
• Indoor General Lighting
Innen-Allgemeinbeleuchtung


Similar Part No. - GWKAHJB1.EM-SSST-30S3

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWKAHJB1.CM OSRAM-GWKAHJB1.CM Datasheet
768Kb / 19P
Indoor General Lighting
GWKAHJB1.CM-SQSR-27B3 OSRAM-GWKAHJB1.CM-SQSR-27B3 Datasheet
768Kb / 19P
Indoor General Lighting
GWKAHJB1.CM-SQSR-27S3 OSRAM-GWKAHJB1.CM-SQSR-27S3 Datasheet
768Kb / 19P
Indoor General Lighting
GWKAHJB1.CM-SQSR-30S3 OSRAM-GWKAHJB1.CM-SQSR-30S3 Datasheet
768Kb / 19P
Indoor General Lighting
GWKAHJB1.CM-SRSS-30B3 OSRAM-GWKAHJB1.CM-SRSS-30B3 Datasheet
768Kb / 19P
Indoor General Lighting
More results

Similar Description - GWKAHJB1.EM-SSST-30S3

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWKAGHB1.EM OSRAM-GWKAGHB1.EM Datasheet
704Kb / 18P
Indoor General Lighting
GWKAHJB1.CM OSRAM-GWKAHJB1.CM Datasheet
768Kb / 19P
Indoor General Lighting
GWKAHLB1.CM OSRAM-GWKAHLB1.CM Datasheet
597Kb / 18P
Indoor General Lighting
GWKAHLB2.PM OSRAM-GWKAHLB2.PM Datasheet
1Mb / 18P
Indoor General Lighting
GWKAHNB1.CM OSRAM-GWKAHNB1.CM Datasheet
817Kb / 19P
Indoor General Lighting
GWKAGMB3.EM OSRAM-GWKAGMB3.EM Datasheet
1Mb / 18P
Indoor General Lighting
GWJTLPS1.CM OSRAM-GWJTLPS1.CM Datasheet
1Mb / 26P
Indoor General Lighting
GWJTLPS2.CM OSRAM-GWJTLPS2.CM Datasheet
1Mb / 26P
Indoor General Lighting
GWJBLMS2.EM OSRAM-GWJBLMS2.EM Datasheet
1Mb / 24P
Indoor General Lighting
GWJTLPS1.EM OSRAM-GWJTLPS1.EM Datasheet
1Mb / 26P
Indoor General Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com