Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GWKAHJB1.EM-SSST-30S3 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # GWKAHJB1.EM-SSST-30S3
Description  Indoor General Lighting
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWKAHJB1.EM-SSST-30S3 Datasheet(HTML) 4 Page - OSRAM GmbH

  GWKAHJB1.EM-SSST-30S3 Datasheet HTML 1Page - OSRAM GmbH GWKAHJB1.EM-SSST-30S3 Datasheet HTML 2Page - OSRAM GmbH GWKAHJB1.EM-SSST-30S3 Datasheet HTML 3Page - OSRAM GmbH GWKAHJB1.EM-SSST-30S3 Datasheet HTML 4Page - OSRAM GmbH GWKAHJB1.EM-SSST-30S3 Datasheet HTML 5Page - OSRAM GmbH GWKAHJB1.EM-SSST-30S3 Datasheet HTML 6Page - OSRAM GmbH GWKAHJB1.EM-SSST-30S3 Datasheet HTML 7Page - OSRAM GmbH GWKAHJB1.EM-SSST-30S3 Datasheet HTML 8Page - OSRAM GmbH GWKAHJB1.EM-SSST-30S3 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
2015-01-21
4
Version 1.1
GW KAHJB1.EM
Characteristics (T
S = 85 °C; IF = 500 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Viewing angle at 50 % I
V
Abstrahlwinkel bei 50 % I
V
(typ.)
120
°
Forward voltage
2) page 17
Durchlassspannung 2) Seite 17
(min.)
(typ.)
(max.)
V
F
V
F
V
F
42.0
48.0
50.0
V
V
V
Reverse voltage
Sperrspannung
(I
R = 20 mA)
(max.)
V
R
1.2
V
Color reproduction index 3) page 17
Farbwiedergabe Index
3) Seite 17
(typ.)
(min.)
R
a
R
a
82
80
-
-
Real thermal resistance junction / solder point
Realer Wärmewiderstand Sperrschicht / Lötpad
(typ.)
(max.)
R
th JS real
R
th JS real
0.9
1.1
K/W
K/W
"Electrical" thermal resistance junction / solder
point
"Elektrischer" Wärmewiderstand Sperrschicht /
Lötpad
(with efficiency η
e = 35 %)
(typ.)
(max.)
R
th JS el
R
th JS el
0.6
0.7
K/W
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com