Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GWKAHJB1.EM-SSST-30S3 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # GWKAHJB1.EM-SSST-30S3
Description  Indoor General Lighting
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWKAHJB1.EM-SSST-30S3 Datasheet(HTML) 5 Page - OSRAM GmbH

  GWKAHJB1.EM-SSST-30S3 Datasheet HTML 1Page - OSRAM GmbH GWKAHJB1.EM-SSST-30S3 Datasheet HTML 2Page - OSRAM GmbH GWKAHJB1.EM-SSST-30S3 Datasheet HTML 3Page - OSRAM GmbH GWKAHJB1.EM-SSST-30S3 Datasheet HTML 4Page - OSRAM GmbH GWKAHJB1.EM-SSST-30S3 Datasheet HTML 5Page - OSRAM GmbH GWKAHJB1.EM-SSST-30S3 Datasheet HTML 6Page - OSRAM GmbH GWKAHJB1.EM-SSST-30S3 Datasheet HTML 7Page - OSRAM GmbH GWKAHJB1.EM-SSST-30S3 Datasheet HTML 8Page - OSRAM GmbH GWKAHJB1.EM-SSST-30S3 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Version 1.1
GW KAHJB1.EM
2015-01-21
5
Brightness Groups
Helligkeitsgruppen
Group
Luminous Flux
1) page 17
Luminous Flux
1) page 17
Luminous Flux
4) page 17
Luminous Flux
4) page 17
Gruppe
Lichtstrom
1) Seite 17
Lichtstrom
1) Seite 17
Lichtstrom
4) Seite 17
Lichtstrom
4) Seite 17
T
S = 85 °C
T
S = 85 °C
T
S = 25 °C
T
S = 25 °C
(min.) Φ
V [lm]
(max.) Φ
V [lm]
(extrapolated min.)
Φ
V [lm]
(extrapolated
max.) Φ
V [lm]
SS
2240
2400
2510
2690
ST
2400
2590
2690
2900
SU
2590
2800
2900
3140
TP
2800
3040
3140
3410
Note:
The standard shipping format for serial types includes either a lower family group, an upper family group or
a grouping of all individual brightness groups of only a few brightness groups. Individual brightness groups
cannot be ordered.
Anm.:
Die Standardlieferform von Serientypen beinhaltet entweder eine untere Familiengruppe, eine obere
Familiengruppe oder eine Sammelgruppe, die aus nur wenigen Helligkeitsgruppen besteht. Einzelne
Helligkeitsgruppen sind nicht bestellbar.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com