Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM79C970 Datasheet(PDF) 20 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 20 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 16Page - Advanced Micro Devices AM79C970 Datasheet HTML 17Page - Advanced Micro Devices AM79C970 Datasheet HTML 18Page - Advanced Micro Devices AM79C970 Datasheet HTML 19Page - Advanced Micro Devices AM79C970 Datasheet HTML 20Page - Advanced Micro Devices AM79C970 Datasheet HTML 21Page - Advanced Micro Devices AM79C970 Datasheet HTML 22Page - Advanced Micro Devices AM79C970 Datasheet HTML 23Page - Advanced Micro Devices AM79C970 Datasheet HTML 24Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 168 page
background image
P R E L I M I N A R Y
AMD
1-887
Am79C970
BASIC FUNCTIONS
System Bus Interface Function
The PCnet-PCI controller is designed to operate as a
Bus Master during normal operations. Some slave I/O
accesses to the PCnet-PCI controller are required in
normal operations as well. Initialization of the PCnet-
PCI controller is achieved through a combination of PCI
Configuration Space accesses, Bus Slave accesses,
Bus Master accesses and an optional read of a serial
EEPROM that is performed by the PCnet-PCI control-
ler. The EEPROM read operation is performed through
the Microwire interface. The ISO 8802-3 (IEEE/ANSI
802.3) Ethernet Address may reside within the serial
EEPROM. Some PCnet-PCI controller configuration
registers may also be programmed by the EEPROM
read operation.
The APROM, on-chip board-configuration registers,
and the Ethernet controller registers occupy 32-bytes of
I/O space which can be located on a wide variety of
starting addresses by modifying the Base Address Reg-
ister in the PCI Configuration Space.
Software Interface
The software interface to the PCnet-PCI controller is di-
vided into three parts. One part is the PCI configuration
registers. They are used to identify the PCnet-PCI con-
troller, and are also used to setup the configuration of
the device. The setup information includes the I/O base
address and the routing of the PCnet-PCI controller in-
terrupt
channel.
This
allows
for
a
jumperless
implementation.
The second portion of the software interface is the direct
access to the I/O resources of the PCnet-PCI controller.
The PCnet-PCI controller occupies 32-bytes of I/O
space that must begin on a 32-byte block boundary. The
I/O base address can be changed to any 32-bit quantity
that begins on a 32-bit block boundary by modifying the
Base Address Register in the PCI Configuration Space.
The 32-byte I/O space is used by the software to pro-
gram the PCnet-PCI controller operating mode, to en-
able and disable various features, to monitor operating
status and to request particular functions to be executed
by the PCnet-PCI controller.
The third portion of the software interface is the descrip-
tor and buffer areas that are shared between the soft-
ware and the PCnet-PCI controller during normal
network operations. The descriptor area boundaries are
set by the software and do not change during normal
network operations. There is one descriptor area for re-
ceive activity and there is a separate area for transmit
activity. The descriptor space contains relocatable
pointers to the network packet data and it is used to
transfer packet status from the PCnet-PCI controller to
the software. The buffer areas are locations that hold
packet data for transmission or that accept packet data
that has been received.
Network Interfaces
The PCnet-PCI controller can be connected to an 802.3
network via one of two network interfaces. The Attach-
ment Unit Interface (AUI) provides an ISO 8802-3
(IEEE/ANSI 802.3) compliant differential interface to a
remote
MAU
or
an
on-board
transceiver.
The
10BASE-T interface provides a twisted-pair Ethernet
port. While in auto-selection mode, the interface in use
is determined by an auto-sensing mechanism which
checks the link status on the 10BASE-T port. If there is
no active link status, then the device assumes an AUI
connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com