Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM79C970 Datasheet(PDF) 41 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 41 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 37Page - Advanced Micro Devices AM79C970 Datasheet HTML 38Page - Advanced Micro Devices AM79C970 Datasheet HTML 39Page - Advanced Micro Devices AM79C970 Datasheet HTML 40Page - Advanced Micro Devices AM79C970 Datasheet HTML 41Page - Advanced Micro Devices AM79C970 Datasheet HTML 42Page - Advanced Micro Devices AM79C970 Datasheet HTML 43Page - Advanced Micro Devices AM79C970 Datasheet HTML 44Page - Advanced Micro Devices AM79C970 Datasheet HTML 45Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 168 page
background image
AMD
P R E L I M I N A R Y
1-908
Am79C970
Figure 17 shows a partial linear burst that occurred while
approaching the transfer of the last bytes of data to a RX
buffer. The linear burst begins when 10 bytes of space
still remain in the RX buffer. (The number of spaces re-
maining for the figure as drawn could be anywhere from
9 to 12. The value of 10-byte spaces has been chosen
just for purposes of illustration.) After the first linear
burst transfer, 6 byte spaces remain. Knowing that the
second transfer will use another 4 bytes of space, the
PCnet-PCI controller is able to predict that the third
transfer will be the last. Therefore, it de-asserts
FRAME
on the second transfer to terminate the linear burst op-
eration. However, the PCnet-PCI controller retains own-
ership of the bus so that it may, immediately, make
non-burst transfer(s) to the last two spaces in the buffer.
18220C-19
FRAME
CLK
AD
IRDY
TRDY
C/
BE
DEVSEL
REQ
GNT
12345678
n00h
DATA
DATA
n08h
0000
0111
10
9
PAR
PAR
PAR
PAR
PAR
DEVSEL is sampled by the PCnet-PCI controller.
DATA
1100
0111
PAR
Figure 17. Partial Linear Burst at the End of Buffer
If a burst cycle is preempted before the last data phase,
the PCnet-PCI controller will finish the current data
phase and release the bus.
REQ will stay asserted. The
PCnet-PCI controller will revert to non-burst cycle
accesses following the preemption event. In this case,
linear bursting will next occur when the memory address
being accessed next meets the linear burst starting ad-
dress requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com