Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM79C970 Datasheet(PDF) 55 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 55 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 51Page - Advanced Micro Devices AM79C970 Datasheet HTML 52Page - Advanced Micro Devices AM79C970 Datasheet HTML 53Page - Advanced Micro Devices AM79C970 Datasheet HTML 54Page - Advanced Micro Devices AM79C970 Datasheet HTML 55Page - Advanced Micro Devices AM79C970 Datasheet HTML 56Page - Advanced Micro Devices AM79C970 Datasheet HTML 57Page - Advanced Micro Devices AM79C970 Datasheet HTML 58Page - Advanced Micro Devices AM79C970 Datasheet HTML 59Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 168 page
background image
AMD
P R E L I M I N A R Y
1-922
Am79C970
Manchester Encoder/Decoder (MENDEC)
The integrated Manchester Encoder/Decoder provides
the PLS (Physical Layer Signaling) functions required
for a fully compliant ISO 8802-3 (IEEE/ANSI 802.3) sta-
tion. The MENDEC provides the encoding function for
data to be transmitted on the network using the high ac-
curacy on-board oscillator, driven by either the crystal
oscillator or an external CMOS level compatible clock.
The MENDEC also provides the decoding function from
data received from the network. The MENDEC contains
a Power On Reset (POR) circuit, which ensures that all
analog portions of the PCnet-PCI controller are forced
into their correct state during power up, and prevents er-
roneous data transmission and/or reception during
this time.
External Crystal Characteristics
When using a crystal to drive the oscillator, the following
crystal specification may be used to ensure less than
±0.5 ns jitter at DO±. See Table 4 below.
Table 4. Crystal Specification
Parameter
Min
Nom
Max
Unit
1. Parallel Resonant Frequency
20
MHz
2. Resonant Frequency Error
–50
+50
PPM
3. Change in Resonant Frequency
With Respect to Temperature (0 – 70
°C)*
–40
+40
PPM
4. Crystal Load Capacitance
20
50
pF
5. Motional Crystal Capacitance (C1)
0.022
pF
6. Series Resistance
35
Ω
7
. Shunt Capacitance
7pF
8. Drive Level
TBD
mW
* Requires trimming specification; not trim is 50 PPM total.
External Clock Drive Characteristics
When driving the oscillator from a CMOS level external
clock source, XTAL2 must be left floating (uncon-
nected). An external clock having the following charac-
teristics must be used to ensure less than
±0.5 ns jitter at
DO
±. See Table 5.
Table 5. Clock Drive Characteristics
Clock Frequency:
20 MHz
±0.01%
Rise/Fall Time (tR/tF):
<= 6 ns from 0.5 V to VDD –0.5 V
XTAL1 HIGH/LOW Time (tHIGH/tLOW):
20 ns min
XTAL1 Falling Edge to Falling Edge Jitter:
<
±0.2 ns at 2.5 V input (VDD/2)
Clock Frequency:
20 MHz
±0.01%
Rise/Fall Time (tR/tF):
<= 6 ns from 0.5 V to VDD –0.5 V
XTAL1 HIGH/LOW Time (tHIGH/tLOW):
20 ns min
XTAL1 Falling Edge to Falling Edge Jitter:
<
±0.2 ns at 2.5 V input (VDD/2)
MENDEC Transmit Path
The transmit section encodes separate clock and NRZ
data input signals into a standard Manchester encoded
serial bit stream. The transmit outputs (DO
±) are de-
signed to operate into terminated transmission lines.
When operating into a 78
Ω terminated transmission
line, the transmit signaling meets the required output
levels and skew for Cheapernet, Ethernet and
IEEE-802.3.
Transmitter Timing and Operation
A 20 MHz fundamental mode crystal oscillator provides
the basic timing reference for the MENDEC portion of
the PCnet-PCI controller. The crystal is divided by two,
to create the internal transmit clock reference. Both
clocks are fed into the MENDECs Manchester Encoder
to generate the transitions in the encoded data stream.
The internal transmit clock is used by the MENDEC to
internally synchronize the Internal Transmit Data
(ITXDAT) from the controller and Internal Transmit En-
able (ITXEN). The internal transmit clock is also used as
a stable bit rate clock by the receive section of the MEN-
DEC and controller.
The oscillator requires an external 0.01% timing refer-
ence. The accuracy requirements, if an external crystal
is used are tighter because allowance for the on-board
parasitics must be made to deliver a final accuracy of
0.01%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com