Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F877 Datasheet(PDF) 126 Page - Microchip Technology

Part # PIC16F877
Description  28/40-Pin 8-Bit CMOS FLASH Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F877 Datasheet(HTML) 126 Page - Microchip Technology

Back Button PIC16F877 Datasheet HTML 122Page - Microchip Technology PIC16F877 Datasheet HTML 123Page - Microchip Technology PIC16F877 Datasheet HTML 124Page - Microchip Technology PIC16F877 Datasheet HTML 125Page - Microchip Technology PIC16F877 Datasheet HTML 126Page - Microchip Technology PIC16F877 Datasheet HTML 127Page - Microchip Technology PIC16F877 Datasheet HTML 128Page - Microchip Technology PIC16F877 Datasheet HTML 129Page - Microchip Technology PIC16F877 Datasheet HTML 130Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 218 page
background image
PIC16F87X
DS30292C-page 124
 2001 Microchip Technology Inc.
12.4
Power-On Reset (POR)
A Power-on Reset pulse is generated on-chip when
VDD rise is detected (in the range of 1.2V - 1.7V). To
take advantage of the POR, tie the MCLR pin directly
(or through a resistor) to VDD. This will eliminate
external RC components usually needed to create a
Power-on Reset. A maximum rise time for VDD is spec-
ified. See Electrical Specifications for details.
When the device starts normal operation (exits the
RESET condition), device operating parameters (volt-
age, frequency, temperature,...) must be met to ensure
operation. If these conditions are not met, the device
must be held in RESET until the operating conditions
are met. Brown-out Reset may be used to meet the
start-up conditions. For additional information, refer to
Application Note, AN007, “Power-up Trouble Shoot-
ing”, (DS00007).
12.5
Power-up Timer (PWRT)
The Power-up Timer provides a fixed 72 ms nominal
time-out on power-up only from the POR. The Power-
up Timer operates on an internal RC oscillator. The
chip is kept in RESET as long as the PWRT is active.
The PWRT’s time delay allows VDD to rise to an accept-
able level. A configuration bit is provided to enable/dis-
able the PWRT.
The power-up time delay will vary from chip to chip due
to VDD, temperature and process variation. See DC
parameters for details (TPWRT, parameter #33).
12.6
Oscillator Start-up Timer (OST)
The Oscillator Start-up Timer (OST) provides a delay of
1024 oscillator cycles (from OSC1 input) after the
PWRT delay is over (if PWRT is enabled). This helps to
ensure that the crystal oscillator or resonator has
started and stabilized.
The OST time-out is invoked only for XT, LP and HS
modes and only on Power-on Reset or Wake-up from
SLEEP.
12.7
Brown-out Reset (BOR)
The configuration bit, BODEN, can enable or disable
the Brown-out Reset circuit. If VDD falls below VBOR
(parameter D005, about 4V) for longer than TBOR
(parameter #35, about 100
µS), the brown-out situation
will reset the device. If VDD falls below VBOR for less
than TBOR, a RESET may not occur.
Once the brown-out occurs, the device will remain in
Brown-out Reset until VDD rises above VBOR. The
Power-up Timer then keeps the device in RESET for
TPWRT (parameter #33, about 72mS). If VDD should fall
below VBOR during TPWRT, the Brown-out Reset pro-
cess will restart when VDD rises above VBOR with the
Power-up Timer Reset. The Power-up Timer is always
enabled when the Brown-out Reset circuit is enabled,
regardless of the state of the PWRT configuration bit.
12.8
Time-out Sequence
On power-up, the time-out sequence is as follows: The
PWRT delay starts (if enabled) when a POR Reset
occurs. Then OST starts counting 1024 oscillator
cycles when PWRT ends (LP, XT, HS). When the OST
ends, the device comes out of RESET.
If MCLR is kept low long enough, the time-outs will
expire. Bringing MCLR high will begin execution imme-
diately. This is useful for testing purposes or to synchro-
nize more than one PIC16F87X device operating in
parallel.
Table 12-5 shows the RESET conditions for the STA-
TUS, PCON and PC registers, while Table 12-6 shows
the RESET conditions for all the registers.
12.9
Power Control/Status Register
(PCON)
The Power Control/Status Register, PCON, has up to
two bits depending upon the device.
Bit0 is Brown-out Reset Status bit, BOR. Bit BOR is
unknown on a Power-on Reset. It must then be set by
the user and checked on subsequent RESETS to see if
bit BOR cleared, indicating a BOR occurred. When the
Brown-out Reset is disabled, the state of the BOR bit is
unpredictable and is, therefore, not valid at any time.
Bit1 is POR (Power-on Reset Status bit). It is cleared on
a Power-on Reset and unaffected otherwise. The user
must set this bit following a Power-on Reset.
TABLE 12-3:
TIME-OUT IN VARIOUS SITUATIONS
Oscillator Configuration
Power-up
Brown-out
Wake-up from
SLEEP
PWRTE = 0
PWRTE = 1
XT, HS, LP
72 ms + 1024TOSC
1024TOSC
72 ms + 1024TOSC
1024TOSC
RC
72 ms
—
72 ms
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com