Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F877 Datasheet(PDF) 128 Page - Microchip Technology

Part # PIC16F877
Description  28/40-Pin 8-Bit CMOS FLASH Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F877 Datasheet(HTML) 128 Page - Microchip Technology

Back Button PIC16F877 Datasheet HTML 124Page - Microchip Technology PIC16F877 Datasheet HTML 125Page - Microchip Technology PIC16F877 Datasheet HTML 126Page - Microchip Technology PIC16F877 Datasheet HTML 127Page - Microchip Technology PIC16F877 Datasheet HTML 128Page - Microchip Technology PIC16F877 Datasheet HTML 129Page - Microchip Technology PIC16F877 Datasheet HTML 130Page - Microchip Technology PIC16F877 Datasheet HTML 131Page - Microchip Technology PIC16F877 Datasheet HTML 132Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 218 page
background image
PIC16F87X
DS30292C-page 126
 2001 Microchip Technology Inc.
TABLE 12-6:
INITIALIZATION CONDITIONS FOR ALL REGISTERS
Register
Devices
Power-on Reset,
Brown-out Reset
MCLR Resets,
WDT Reset
Wake-up via WDT or
Interrupt
W
873
874
876
877
xxxx xxxx
uuuu uuuu
uuuu uuuu
INDF
873
874
876
877
N/A
N/A
N/A
TMR0
873
874
876
877
xxxx xxxx
uuuu uuuu
uuuu uuuu
PCL
873
874
876
877
0000h
0000h
PC + 1(2)
STATUS
873
874
876
877
0001 1xxx
000q quuu(3)
uuuq quuu(3)
FSR
873
874
876
877
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTA
873
874
876
877
--0x 0000
--0u 0000
--uu uuuu
PORTB
873
874
876
877
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTC
873
874
876
877
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTD
873
874
876
877
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTE
873
874
876
877
---- -xxx
---- -uuu
---- -uuu
PCLATH
873
874
876
877
---0 0000
---0 0000
---u uuuu
INTCON
873
874
876
877
0000 000x
0000 000u
uuuu uuuu(1)
PIR1
873
874
876
877
r000 0000
r000 0000
ruuu uuuu(1)
873
874
876
877
0000 0000
0000 0000
uuuu uuuu(1)
PIR2
873
874
876
877
-r-0 0--0
-r-0 0--0
-r-u u--u(1)
TMR1L
873
874
876
877
xxxx xxxx
uuuu uuuu
uuuu uuuu
TMR1H
873
874
876
877
xxxx xxxx
uuuu uuuu
uuuu uuuu
T1CON
873
874
876
877
--00 0000
--uu uuuu
--uu uuuu
TMR2
873
874
876
877
0000 0000
0000 0000
uuuu uuuu
T2CON
873
874
876
877
-000 0000
-000 0000
-uuu uuuu
SSPBUF
873
874
876
877
xxxx xxxx
uuuu uuuu
uuuu uuuu
SSPCON
873
874
876
877
0000 0000
0000 0000
uuuu uuuu
CCPR1L
873
874
876
877
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCPR1H
873
874
876
877
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCP1CON
873
874
876
877
--00 0000
--00 0000
--uu uuuu
RCSTA
873
874
876
877
0000 000x
0000 000x
uuuu uuuu
TXREG
873
874
876
877
0000 0000
0000 0000
uuuu uuuu
RCREG
873
874
876
877
0000 0000
0000 0000
uuuu uuuu
CCPR2L
873
874
876
877
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCPR2H
873
874
876
877
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCP2CON
873
874
876
877
0000 0000
0000 0000
uuuu uuuu
ADRESH
873
874
876
877
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADCON0
873
874
876
877
0000 00-0
0000 00-0
uuuu uu-u
OPTION_REG
873
874
876
877
1111 1111
1111 1111
uuuu uuuu
TRISA
873
874
876
877
--11 1111
--11 1111
--uu uuuu
TRISB
873
874
876
877
1111 1111
1111 1111
uuuu uuuu
TRISC
873
874
876
877
1111 1111
1111 1111
uuuu uuuu
TRISD
873
874
876
877
1111 1111
1111 1111
uuuu uuuu
TRISE
873
874
876
877
0000 -111
0000 -111
uuuu -uuu
PIE1
873
874
876
877
r000 0000
r000 0000
ruuu uuuu
873
874
876
877
0000 0000
0000 0000
uuuu uuuu
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ’0’, q = value depends on condition,
r
= reserved, maintain clear
Note 1: One or more bits in INTCON, PIR1 and/or PIR2 will be affected (to cause wake-up).
2: When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the interrupt vector
(0004h).
3: See Table 12-5 for RESET value for specific condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com