Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F877 Datasheet(PDF) 156 Page - Microchip Technology

Part # PIC16F877
Description  28/40-Pin 8-Bit CMOS FLASH Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F877 Datasheet(HTML) 156 Page - Microchip Technology

Back Button PIC16F877 Datasheet HTML 152Page - Microchip Technology PIC16F877 Datasheet HTML 153Page - Microchip Technology PIC16F877 Datasheet HTML 154Page - Microchip Technology PIC16F877 Datasheet HTML 155Page - Microchip Technology PIC16F877 Datasheet HTML 156Page - Microchip Technology PIC16F877 Datasheet HTML 157Page - Microchip Technology PIC16F877 Datasheet HTML 158Page - Microchip Technology PIC16F877 Datasheet HTML 159Page - Microchip Technology PIC16F877 Datasheet HTML 160Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 218 page
background image
PIC16F87X
DS30292C-page 154
 2001 Microchip Technology Inc.
IPD
Power-down Current(3,5)
D020
16LF87X
—
7.5
30
µAVDD = 3.0V, WDT enabled,
-40
°C to +85°C
D020
16F87X
—
10.5
42
µA
VDD = 4.0V, WDT enabled,
-40
°C to +85°C
D021
16LF87X
—
0.9
5
µAVDD = 3.0V, WDT enabled,
0
°C to +70°C
D021
16F87X
—
1.5
16
µA
VDD = 4.0V, WDT enabled,
-40
°C to +85°C
D021A
16LF87X
0.9
5
µAVDD = 3.0V, WDT enabled,
-40
°C to +85°C
D021A
16F87X
1.5
19
µA
VDD = 4.0V, WDT enabled,
-40
°C to +85°C
D023
∆IBOR Brown-out
Reset Current(6)
—
85
200
µA
BOR enabled, VDD = 5.0V
15.1
DC Characteristics:
PIC16F873/874/876/877-04 (Commercial, Industrial)
PIC16F873/874/876/877-20 (Commercial, Industrial)
PIC16LF873/874/876/877-04 (Commercial, Industrial)
(Continued)
PIC16LF873/874/876/877-04
(Commercial, Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
0°C
≤ TA ≤ +70°C for commercial
PIC16F873/874/876/877-04
PIC16F873/874/876/877-20
(Commercial, Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
0°C
≤ TA ≤ +70°C for commercial
Param
No.
Symbol
Characteristic/
Device
Min
Typ†
Max
Units
Conditions
Legend: Rows with standard voltage device data only are shaded for improved readability.
†
Data in “Typ” column is at 5V, 25°C, unless otherwise stated. These parameters are for design guidance
only, and are not tested.
Note 1: This is the limit to which VDD can be lowered without losing RAM data.
2: The supply current is mainly a function of the operating voltage and frequency. Other factors such as I/O pin
loading, switching rate, oscillator type, internal code execution pattern and temperature also have an impact
on the current consumption.
The test conditions for all IDD measurements in active operation mode are:
OSC1 = external square wave, from rail to rail; all I/O pins tri-stated, pulled to VDD;
MCLR = VDD; WDT enabled/disabled as specified.
3: The power-down current in SLEEP mode does not depend on the oscillator type. Power-down current is
measured with the part in SLEEP mode, with all I/O pins in hi-impedance state and tied to VDD and VSS.
4: For RC osc configuration, current through REXT is not included. The current through the resistor can be esti-
mated by the formula Ir = VDD/2REXT (mA) with REXT in kOhm.
5: Timer1 oscillator (when enabled) adds approximately 20
µA to the specification. This value is from charac-
terization and is for design guidance only. This is not tested.
6: The
∆ current is the additional current consumed when this peripheral is enabled. This current should be
added to the base IDD or IPD measurement.
7: When BOR is enabled, the device will operate correctly until the VBOR voltage trip point is reached.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com