Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F877 Datasheet(PDF) 158 Page - Microchip Technology

Part # PIC16F877
Description  28/40-Pin 8-Bit CMOS FLASH Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F877 Datasheet(HTML) 158 Page - Microchip Technology

Back Button PIC16F877 Datasheet HTML 154Page - Microchip Technology PIC16F877 Datasheet HTML 155Page - Microchip Technology PIC16F877 Datasheet HTML 156Page - Microchip Technology PIC16F877 Datasheet HTML 157Page - Microchip Technology PIC16F877 Datasheet HTML 158Page - Microchip Technology PIC16F877 Datasheet HTML 159Page - Microchip Technology PIC16F877 Datasheet HTML 160Page - Microchip Technology PIC16F877 Datasheet HTML 161Page - Microchip Technology PIC16F877 Datasheet HTML 162Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 218 page
background image
PIC16F87X
DS30292C-page 156
 2001 Microchip Technology Inc.
VOL
Output Low Voltage
D080
I/O ports
——
0.6
V
IOL = 8.5 mA, VDD = 4.5V,
-40
°C to +85°C
D083
OSC2/CLKOUT (RC osc config)
——
0.6
V
IOL = 1.6 mA, VDD = 4.5V,
-40
°C to +85°C
VOH
Output High Voltage
D090
I/O ports(3)
VDD - 0.7
——
VIOH = -3.0 mA, VDD = 4.5V,
-40
°C to +85°C
D092
OSC2/CLKOUT (RC osc config)
VDD - 0.7
——
VIOH = -1.3 mA, VDD = 4.5V,
-40
°C to +85°C
D150*
VOD
Open-Drain High Voltage
——
8.5
V
RA4 pin
Capacitive Loading Specs on
Output Pins
D100
COSC2OSC2 pin
——
15
pF
In XT, HS and LP modes when
external clock is used to drive
OSC1
D101
D102
CIO
CB
All I/O pins and OSC2 (RC mode)
SCL, SDA (I2C mode)
—
—
—
—
50
400
pF
pF
Data EEPROM Memory
D120
ED
Endurance
100K
——
E/W 25
°C at 5V
D121
VDRW VDD for read/write
VMIN
—
5.5
V
Using EECON to read/write
VMIN = min. operating voltage
D122
TDEW Erase/write cycle time
—
48
ms
Program FLASH Memory
D130
EP
Endurance
1000
——
E/W 25
°C at 5V
D131
VPR
VDD for read
VMIN
—
5.5
V
VMIN = min operating voltage
D132A
VDD for erase/write
VMIN
—
5.5
V
Using EECON to read/write,
VMIN = min. operating voltage
D133
TPEW Erase/Write cycle time
—
48
ms
15.2
DC Characteristics: PIC16F873/874/876/877-04 (Commercial, Industrial)
PIC16F873/874/876/877-20 (Commercial, Industrial)
PIC16LF873/874/876/877-04 (Commercial, Industrial)
(Continued)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
0°C
≤ TA ≤ +70°C for commercial
Operating voltage VDD range as described in DC specification
(Section 15.1)
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
*
These parameters are characterized but not tested.
†
Data in "Typ" column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1: In RC oscillator configuration, the OSC1/CLKIN pin is a Schmitt Trigger input. It is not recommended that the
PIC16F87X be driven with external clock in RC mode.
2: The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified levels
represent normal operating conditions. Higher leakage current may be measured at different input voltages.
3: Negative current is defined as current sourced by the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com