Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F442-E/P Datasheet(PDF) 273 Page - Microchip Technology

Part # PIC18F442-E/P
Description  High Performance, Enhanced FLASH Microcontrollers with 10-Bit A/D
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F442-E/P Datasheet(HTML) 273 Page - Microchip Technology

Back Button PIC18F442-E/P Datasheet HTML 269Page - Microchip Technology PIC18F442-E/P Datasheet HTML 270Page - Microchip Technology PIC18F442-E/P Datasheet HTML 271Page - Microchip Technology PIC18F442-E/P Datasheet HTML 272Page - Microchip Technology PIC18F442-E/P Datasheet HTML 273Page - Microchip Technology PIC18F442-E/P Datasheet HTML 274Page - Microchip Technology PIC18F442-E/P Datasheet HTML 275Page - Microchip Technology PIC18F442-E/P Datasheet HTML 276Page - Microchip Technology PIC18F442-E/P Datasheet HTML 277Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 332 page
background image
 2002 Microchip Technology Inc.
DS39564B-page 271
PIC18FXX2
22.3.3
TIMING DIAGRAMS AND SPECIFICATIONS
FIGURE 22-5:
EXTERNAL CLOCK TIMING (ALL MODES EXCEPT PLL)
TABLE 22-4:
EXTERNAL CLOCK TIMING REQUIREMENTS
OSC1
CLKO
Q4
Q1
Q2
Q3
Q4
Q1
1
2
3
3
4
4
Param.
No.
Symbol
Characteristic
Min
Max
Units
Conditions
1A
FOSC
External CLKI Frequency(1)
DC
40
MHz
EC, ECIO, -40
°C to +85°C
Oscillator Frequency(1)
DC
25
MHz
EC, ECIO, +85
°C to +125°C
DC
4
MHz
RC osc
0.1
4
MHz
XT osc
4
25
MHz
HS osc
4
10
MHz
HS + PLL osc, -40
°C to +85°C
4
6.25
MHz
HS + PLL osc, +85
°C to +125°C
5
200
kHz
LP Osc mode
1
TOSC
External CLKI Period(1)
25
—
ns
EC, ECIO, -40
°C to +85°C
Oscillator Period(1)
40
—
ns
EC, ECIO, +85
°C to +125°C
250
—
ns
RC osc
250
10,000
ns
XT osc
40
250
ns
HS osc
100
250
ns
HS + PLL osc, -40
°C to +85°C
160
250
ns
HS + PLL osc, +85
°C to +125°C
25
—
µsLP osc
2
TCY
Instruction Cycle Time(1)
100
—
ns
TCY = 4/FOSC, -40
°C to +85°C
160
—
ns
TCY = 4/FOSC, +85
°C to +125°C
3
TosL,
TosH
External Clock in (OSC1)
High or Low Time
30
—
ns
XT osc
2.5
—
µsLP osc
10
—
ns
HS osc
4TosR,
TosF
External Clock in (OSC1)
Rise or Fall Time
—
20
ns
XT osc
—
50
ns
LP osc
—
7.5
ns
HS osc
Note 1: Instruction cycle period (TCY) equals four times the input oscillator time-base period for all configurations
except PLL. All specified values are based on characterization data for that particular oscillator type under
standard operating conditions with the device executing code. Exceeding these specified limits may result in
an unstable oscillator operation and/or higher than expected current consumption. All devices are tested to
operate at “min.” values with an external clock applied to the OSC1/CLKI pin. When an external clock input
is used, the “max.” cycle time limit is “DC” (no clock) for all devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com