Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F442-E/P Datasheet(PDF) 274 Page - Microchip Technology

Part # PIC18F442-E/P
Description  High Performance, Enhanced FLASH Microcontrollers with 10-Bit A/D
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F442-E/P Datasheet(HTML) 274 Page - Microchip Technology

Back Button PIC18F442-E/P Datasheet HTML 270Page - Microchip Technology PIC18F442-E/P Datasheet HTML 271Page - Microchip Technology PIC18F442-E/P Datasheet HTML 272Page - Microchip Technology PIC18F442-E/P Datasheet HTML 273Page - Microchip Technology PIC18F442-E/P Datasheet HTML 274Page - Microchip Technology PIC18F442-E/P Datasheet HTML 275Page - Microchip Technology PIC18F442-E/P Datasheet HTML 276Page - Microchip Technology PIC18F442-E/P Datasheet HTML 277Page - Microchip Technology PIC18F442-E/P Datasheet HTML 278Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 332 page
background image
PIC18FXX2
DS39564B-page 272
 2002 Microchip Technology Inc.
TABLE 22-5:
PLL CLOCK TIMING SPECIFICATIONS (VDD = 4.2 TO 5.5V)
FIGURE 22-6:
CLKO AND I/O TIMING
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
—
FOSC
Oscillator Frequency Range
4
—
10
MHz
HS mode only
—
FSYS
On-chip VCO System Frequency
16
—
40
MHz
HS mode only
—
trc
PLL Start-up Time (Lock Time)
——
2ms
—
∆CLK CLKO Stability (Jitter)
-2
—
+2
%
† Data in “Typ” column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Note:
Refer to Figure 22-4 for load conditions.
OSC1
CLKO
I/O Pin
(input)
I/O Pin
(output)
Q4
Q1
Q2
Q3
10
13
14
17
20, 21
19
18
15
11
12
16
Old Value
New Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com