Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F442-E/P Datasheet(PDF) 276 Page - Microchip Technology

Part # PIC18F442-E/P
Description  High Performance, Enhanced FLASH Microcontrollers with 10-Bit A/D
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F442-E/P Datasheet(HTML) 276 Page - Microchip Technology

Back Button PIC18F442-E/P Datasheet HTML 272Page - Microchip Technology PIC18F442-E/P Datasheet HTML 273Page - Microchip Technology PIC18F442-E/P Datasheet HTML 274Page - Microchip Technology PIC18F442-E/P Datasheet HTML 275Page - Microchip Technology PIC18F442-E/P Datasheet HTML 276Page - Microchip Technology PIC18F442-E/P Datasheet HTML 277Page - Microchip Technology PIC18F442-E/P Datasheet HTML 278Page - Microchip Technology PIC18F442-E/P Datasheet HTML 279Page - Microchip Technology PIC18F442-E/P Datasheet HTML 280Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 332 page
background image
PIC18FXX2
DS39564B-page 274
 2002 Microchip Technology Inc.
FIGURE 22-8:
BROWN-OUT RESET TIMING
TABLE 22-7:
RESET, WATCHDOG TIMER, OSCILLATOR START-UP TIMER, POWER-UP TIMER
AND BROWN-OUT RESET REQUIREMENTS
VDD
BVDD
35
VBGAP = 1.2V
VIRVST
Enable Internal Reference Voltage
Internal Reference Voltage stable
36
Typical
Param.
No.
Symbol
Characteristic
Min
Typ
Max
Units
Conditions
30
TmcL
MCLR Pulse Width (low)
2
——
µs
31
TWDT
Watchdog Timer Time-out Period
(No Postscaler)
718
33
ms
32
TOST
Oscillation Start-up Timer Period
1024 TOSC
—
1024 TOSC
—
TOSC = OSC1 period
33
TPWRT
Power up Timer Period
28
72
132
ms
34
TIOZ
I/O Hi-impedance from MCLR Low
or Watchdog Timer Reset
—
2
—
µs
35
TBOR
Brown-out Reset Pulse Width
200
——
µsVDD ≤ BVDD (see
D005)
36
TIVRST
Time for Internal Reference
Voltage to become stable
—
20
500
µs
37
TLVD
Low Voltage Detect Pulse Width
200
——
µsVDD ≤ VLVD (see
D420)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com