Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F442-E/P Datasheet(PDF) 209 Page - Microchip Technology

Part # PIC18F442-E/P
Description  High Performance, Enhanced FLASH Microcontrollers with 10-Bit A/D
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F442-E/P Datasheet(HTML) 209 Page - Microchip Technology

Back Button PIC18F442-E/P Datasheet HTML 205Page - Microchip Technology PIC18F442-E/P Datasheet HTML 206Page - Microchip Technology PIC18F442-E/P Datasheet HTML 207Page - Microchip Technology PIC18F442-E/P Datasheet HTML 208Page - Microchip Technology PIC18F442-E/P Datasheet HTML 209Page - Microchip Technology PIC18F442-E/P Datasheet HTML 210Page - Microchip Technology PIC18F442-E/P Datasheet HTML 211Page - Microchip Technology PIC18F442-E/P Datasheet HTML 212Page - Microchip Technology PIC18F442-E/P Datasheet HTML 213Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 332 page
background image
 2002 Microchip Technology Inc.
DS39564B-page 207
PIC18FXX2
19.4
Program Verification and
Code Protection
The overall structure of the code protection on the
PIC18 FLASH devices differs significantly from other
PICmicro devices.
The user program memory is divided into five blocks.
One of these is a boot block of 512 bytes. The remain-
der of the memory is divided into four blocks on binary
boundaries.
Each of the five blocks has three code protection bits
associated with them. They are:
• Code Protect bit (CPn)
• Write Protect bit (WRTn)
• External Block Table Read bit (EBTRn)
Figure 19-3 shows the program memory organization
for 16- and 32-Kbyte devices, and the specific code
protection bit associated with each block. The actual
locations of the bits are summarized in Table 19-3.
FIGURE 19-3:
CODE PROTECTED PROGRAM MEMORY FOR PIC18F2XX/4XX
TABLE 19-3:
SUMMARY OF CODE PROTECTION REGISTERS
MEMORY SIZE/DEVICE
Block Code Protection
Controlled By:
16 Kbytes
(PIC18FX42)
32 Kbytes
(PIC18FX52)
Address
Range
Boot Block
Boot Block
000000h
0001FFh
CPB, WRTB, EBTRB
Block 0
Block 0
000200h
001FFFh
CP0, WRT0, EBTR0
Block 1
Block 1
002000h
003FFFh
CP1, WRT1, EBTR1
Unimplemented
Read 0’s
Block 2
004000h
005FFFh
CP2, WRT2, EBTR2
Unimplemented
Read 0’s
Block 3
006000h
007FFFh
CP3, WRT3, EBTR3
Unimplemented
Read 0’s
Unimplemented
Read 0’s
008000h
1FFFFFh
(Unimplemented Memory Space)
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
300008h
CONFIG5L
—
—
—
—
CP3
CP2
CP1
CP0
300009h
CONFIG5H
CPD
CPB
—
—
—
—
—
—
30000Ah
CONFIG6L
—
—
—
—
WRT3
WRT2
WRT1
WRT0
30000Bh
CONFIG6H
WRTD
WRTB
WRTC
—
—
—
—
—
30000Ch
CONFIG7L
—
—
—
—
EBTR3
EBTR2
EBTR1
EBTR0
30000Dh
CONFIG7H
—
EBTRB
—
—
—
—
—
—
Legend: Shaded cells are unimplemented.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com