Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F442-E/P Datasheet(PDF) 213 Page - Microchip Technology

Part # PIC18F442-E/P
Description  High Performance, Enhanced FLASH Microcontrollers with 10-Bit A/D
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F442-E/P Datasheet(HTML) 213 Page - Microchip Technology

Back Button PIC18F442-E/P Datasheet HTML 209Page - Microchip Technology PIC18F442-E/P Datasheet HTML 210Page - Microchip Technology PIC18F442-E/P Datasheet HTML 211Page - Microchip Technology PIC18F442-E/P Datasheet HTML 212Page - Microchip Technology PIC18F442-E/P Datasheet HTML 213Page - Microchip Technology PIC18F442-E/P Datasheet HTML 214Page - Microchip Technology PIC18F442-E/P Datasheet HTML 215Page - Microchip Technology PIC18F442-E/P Datasheet HTML 216Page - Microchip Technology PIC18F442-E/P Datasheet HTML 217Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 332 page
background image
 2002 Microchip Technology Inc.
DS39564B-page 211
PIC18FXX2
20.0
INSTRUCTION SET SUMMARY
The PIC18FXXX instruction set adds many enhance-
ments to the previous PICmicro instruction sets, while
maintaining an easy migration from these PICmicro
instruction sets.
Most instructions are a single program memory word
(16-bits), but there are three instructions that require
two program memory locations.
Each single word instruction is a 16-bit word divided
into an OPCODE, which specifies the instruction type
and one or more operands, which further specify the
operation of the instruction.
The instruction set is highly orthogonal and is grouped
into four basic categories:
• Byte-oriented operations
• Bit-oriented operations
• Literal operations
• Control operations
The PIC18FXXX instruction set summary in Table 20-2
lists byte-oriented, bit-oriented, literal and control
operations.
Table 20-1
shows
the
opcode
field
descriptions.
Most byte-oriented instructions have three operands:
1.
The file register (specified by ‘f’)
2.
The destination of the result
(specified by ‘d’)
3.
The accessed memory
(specified by ‘a’)
The file register designator 'f' specifies which file
register is to be used by the instruction.
The destination designator ‘d’ specifies where the
result of the operation is to be placed. If 'd' is zero, the
result is placed in the WREG register. If 'd' is one, the
result is placed in the file register specified in the
instruction.
All bit-oriented instructions have three operands:
1.
The file register (specified by ‘f’)
2.
The bit in the file register
(specified by ‘b’)
3.
The accessed memory
(specified by ‘a’)
The bit field designator 'b' selects the number of the bit
affected by the operation, while the file register desig-
nator 'f' represents the number of the file in which the
bit is located.
The literal instructions may use some of the following
operands:
• A literal value to be loaded into a file register
(specified by ‘k’)
• The desired FSR register to load the literal value
into (specified by ‘f’)
• No operand required
(specified by ‘—’)
The control instructions may use some of the following
operands:
• A program memory address (specified by ‘n’)
• The mode of the Call or Return instructions
(specified by ‘s’)
• The mode of the Table Read and Table Write
instructions (specified by ‘m’)
• No operand required
(specified by ‘—’)
All instructions are a single word, except for three dou-
ble-word instructions. These three instructions were
made double-word instructions so that all the required
information is available in these 32 bits. In the second
word, the 4-MSbs are 1’s. If this second word is exe-
cuted as an instruction (by itself), it will execute as a
NOP
.
All single word instructions are executed in a single
instruction cycle, unless a conditional test is true or the
program counter is changed as a result of the instruc-
tion. In these cases, the execution takes two instruction
cycles with the additional instruction cycle(s) executed
as a NOP.
The double-word instructions execute in two instruction
cycles.
One instruction cycle consists of four oscillator periods.
Thus, for an oscillator frequency of 4 MHz, the normal
instruction execution time is 1
µs. If a conditional test is
true or the program counter is changed as a result of an
instruction, the instruction execution time is 2
µs.
Two-word branch instructions (if true) would take 3
µs.
Figure 20-1 shows the general formats that the
instructions can have.
All examples use the format ‘nnh’
to represent a
hexadecimal
number,
where
‘h’
signifies
a
hexadecimal digit.
The Instruction Set Summary, shown in Table 20-2,
lists the instructions recognized by the Microchip
Assembler (MPASMTM).
Section 20.1 provides a description of each instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com