Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F442-E/P Datasheet(PDF) 212 Page - Microchip Technology

Part # PIC18F442-E/P
Description  High Performance, Enhanced FLASH Microcontrollers with 10-Bit A/D
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F442-E/P Datasheet(HTML) 212 Page - Microchip Technology

Back Button PIC18F442-E/P Datasheet HTML 208Page - Microchip Technology PIC18F442-E/P Datasheet HTML 209Page - Microchip Technology PIC18F442-E/P Datasheet HTML 210Page - Microchip Technology PIC18F442-E/P Datasheet HTML 211Page - Microchip Technology PIC18F442-E/P Datasheet HTML 212Page - Microchip Technology PIC18F442-E/P Datasheet HTML 213Page - Microchip Technology PIC18F442-E/P Datasheet HTML 214Page - Microchip Technology PIC18F442-E/P Datasheet HTML 215Page - Microchip Technology PIC18F442-E/P Datasheet HTML 216Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 332 page
background image
PIC18FXX2
DS39564B-page 210
 2002 Microchip Technology Inc.
19.4.2
DATA EEPROM
CODE PROTECTION
The entire Data EEPROM is protected from external
reads and writes by two bits: CPD and WRTD. CPD
inhibits external reads and writes of Data EEPROM.
WRTD inhibits external writes to Data EEPROM. The
CPU can continue to read and write Data EEPROM
regardless of the protection bit settings.
19.4.3
CONFIGURATION REGISTER
PROTECTION
The configuration registers can be write protected. The
WRTC bit controls protection of the configuration regis-
ters. In User mode, the WRTC bit is readable only. WRTC
can only be written via ICSP or an external programmer.
19.5
ID Locations
Eight memory locations (200000h - 200007h) are des-
ignated as ID locations, where the user can store
checksum or other code identification numbers. These
locations are accessible during normal execution
through the TBLRD and TBLWT instructions, or during
program/verify. The ID locations can be read when the
device is code protected.
The sequence for programming the ID locations is sim-
ilar
to
programming
the
FLASH
memory
(see
Section 5.5.1).
19.6
In-Circuit Serial Programming
PIC18FXXX microcontrollers can be serially pro-
grammed while in the end application circuit. This is
simply done with two lines for clock and data, and three
other lines for power, ground and the programming
voltage. This allows customers to manufacture boards
with unprogrammed devices, and then program the
microcontroller just before shipping the product. This
also allows the most recent firmware or a custom
firmware to be programmed.
19.7
In-Circuit Debugger
When the DEBUG
bit
in
configuration register
CONFIG4L is programmed to a ’0’, the In-Circuit
Debugger functionality is enabled. This function allows
simple debugging functions when used with MPLAB®
IDE. When the microcontroller has this feature
enabled, some of the resources are not available for
general use. Table 19-4 shows which features are
consumed by the background debugger.
TABLE 19-4:
DEBUGGER RESOURCES
To use the In-Circuit Debugger function of the micro-
controller, the design must implement In-Circuit Serial
Programming connections to MCLR/VPP, VDD, GND,
RB7 and RB6. This will interface to the In-Circuit
Debugger module available from Microchip or one of
the third party development tool companies.
19.8
Low Voltage ICSP Programming
The LVP bit configuration register CONFIG4L enables
low voltage ICSP programming. This mode allows the
microcontroller to be programmed via ICSP using a
VDD source in the operating voltage range. This only
means that VPP does not have to be brought to VIHH,
but can instead be left at the normal operating voltage.
In this mode, the RB5/PGM pin is dedicated to the pro-
gramming function and ceases to be a general purpose
I/O pin. During programming, VDD is applied to the
MCLR/VPP pin. To enter Programming mode, VDD must
be applied to the RB5/PGM, provided the LVP bit is set.
The LVP bit defaults to a (‘1’) from the factory.
If Low Voltage Programming mode is not used, the LVP
bit can be programmed to a '0' and RB5/PGM becomes
a digital I/O pin. However, the LVP bit may only be pro-
grammed when programming is entered with VIHH on
MCLR/VPP.
It should be noted that once the LVP bit is programmed
to 0, only the High Voltage Programming mode is avail-
able and only High Voltage Programming mode can be
used to program the device.
When using low voltage ICSP, the part must be sup-
plied 4.5V to 5.5V, if a bulk erase will be executed. This
includes reprogramming of the code protect bits from
an on-state to off-state. For all other cases of low volt-
age ICSP, the part may be programmed at the normal
operating voltage. This means unique user IDs, or user
code can be reprogrammed or added.
I/O pins
RB6, RB7
Stack
2 levels
Program Memory
512 bytes
Data Memory
10 bytes
Note 1: The High Voltage Programming mode is
always available, regardless of the state
of the LVP bit, by applying VIHH to the
MCLR pin.
2: While in low voltage ICSP mode, the RB5
pin can no longer be used as a general
purpose I/O pin, and should be held low
during
normal
operation
to
protect
against inadvertent ICSP mode entry.
3: When using low voltage ICSP program-
ming (LVP), the pull-up on RB5 becomes
disabled. If TRISB bit 5 is cleared,
thereby setting RB5 as an output, LATB
bit 5 must also be cleared for proper
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com