Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAC5255 Datasheet(PDF) 39 Page - Active-Semi, Inc

Part # PAC5255
Description  Power Application Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

PAC5255 Datasheet(HTML) 39 Page - Active-Semi, Inc

Back Button PAC5255 Datasheet HTML 35Page - Active-Semi, Inc PAC5255 Datasheet HTML 36Page - Active-Semi, Inc PAC5255 Datasheet HTML 37Page - Active-Semi, Inc PAC5255 Datasheet HTML 38Page - Active-Semi, Inc PAC5255 Datasheet HTML 39Page - Active-Semi, Inc PAC5255 Datasheet HTML 40Page - Active-Semi, Inc PAC5255 Datasheet HTML 41Page - Active-Semi, Inc PAC5255 Datasheet HTML 42Page - Active-Semi, Inc PAC5255 Datasheet HTML 43Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 71 page
background image
PAC5255
Power Application Controller
11.4. Typical Performance Characteristics
(VSYS = 5V and TA = 25°C unless otherwise specified.)
- 39 -
Rev 1.1‒April 15, 2016
0
500
1000
1500
2000
2500
5000
4000
3000
2000
1000
0
Differential PGA (DAx) Gain Characteristics
at 1x, 2x, 4x, and 8x Settings
Differential Input Voltage (mV)
1x
2x
4x
8x
0
50
100
150
200
250
Differential PGA (DAx) Gain Characteristics
at 16x, 32x, and 48x Settings
Differential Input Voltage (mV)
16x
5000
4000
3000
2000
1000
0
32x
48x
0
100h
200h
300h
3FFh
2500
2000
1500
1000
500
0
LP DAC Output Voltage vs. Input Code
Input Code
0
500
1000
1500
2000
2500
PGA (AMPx) Gain Characteristics
at 1x, 2x, 4x, and 8x Settings
Input Voltage (mV)
5000
4000
3000
2000
1000
0
1x
2x
4x
8x
0
40h
80h
C0h
FFh
2500
2000
1500
1000
500
0
HP DAC Output Voltage vs. Input Code
Input Code
PGA (AMPx) Gain Characteristics
at 16x, 32x, and 48x Settings
Input Voltage (mV)
0
50
100
150
200
250
16x
32x
48x
5000
4000
3000
2000
1000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com