Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAC5255 Datasheet(PDF) 49 Page - Active-Semi, Inc

Part # PAC5255
Description  Power Application Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

PAC5255 Datasheet(HTML) 49 Page - Active-Semi, Inc

Back Button PAC5255 Datasheet HTML 45Page - Active-Semi, Inc PAC5255 Datasheet HTML 46Page - Active-Semi, Inc PAC5255 Datasheet HTML 47Page - Active-Semi, Inc PAC5255 Datasheet HTML 48Page - Active-Semi, Inc PAC5255 Datasheet HTML 49Page - Active-Semi, Inc PAC5255 Datasheet HTML 50Page - Active-Semi, Inc PAC5255 Datasheet HTML 51Page - Active-Semi, Inc PAC5255 Datasheet HTML 52Page - Active-Semi, Inc PAC5255 Datasheet HTML 53Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 71 page
background image
PAC5255
Power Application Controller
13.2.3. EMUX Control
A dedicated low latency interface controllable by the auto-sampling sequencer or register control allows changing the ADC
premultiplexer and asserting/deasserting the S/H circuit in the configurable analog front end, allowing back to back
conversions of multiple analog inputs without microcontroller interaction.
13.3. Electrical Characteristics
Table 27. ADC and Auto-Sampling Sequencer Electrical Characteristics
(VSYS = VCCIO = 5V, VCC33 = 3.3V, VCC18 = 1.8V, and TA = -40°C to 105°C unless otherwise specified.)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNI
T
ADC
fADCLK
ADC conversion clock input
16
MHz
tADCONV
ADC conversion time
fADCLK = 16MHz
1
μs
ADC resolution
10
bits
ADC effective resolution
9.2
bits
ADC differential non-linearity (DNL)
±0.5
LSB
ADC integral non-linearity (INL)
±1
LSB
ADC offset error
0.6
%FS
ADC gain error
0.12
%FS
Reference Voltage
VREFADC
ADC reference voltage input
2.5
V
Sample and Hold
tADCSH
ADC sample and hold time
fADCLK = 16MHz
188
ns
CADCIC
ADC input capacitance
1.3
pF
Input Voltage Range
VADCIN
ADC input voltage range
ADC multiplexer input
0
VREFADC
V
EMUX Clock Speed
fEMUXCLK
EMUX engine clock input
50
MHz
PLL Clock Speed
fOUTPLL
PLL output frequency
TA = -40°C to 85°C
3.5
100
MHz
TA = 85°C to 105°C
3.5
80
MHz
- 49 -
Rev 1.1‒April 15, 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com