Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAC5255 Datasheet(PDF) 13 Page - Active-Semi, Inc

Part # PAC5255
Description  Power Application Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

PAC5255 Datasheet(HTML) 13 Page - Active-Semi, Inc

Back Button PAC5255 Datasheet HTML 9Page - Active-Semi, Inc PAC5255 Datasheet HTML 10Page - Active-Semi, Inc PAC5255 Datasheet HTML 11Page - Active-Semi, Inc PAC5255 Datasheet HTML 12Page - Active-Semi, Inc PAC5255 Datasheet HTML 13Page - Active-Semi, Inc PAC5255 Datasheet HTML 14Page - Active-Semi, Inc PAC5255 Datasheet HTML 15Page - Active-Semi, Inc PAC5255 Datasheet HTML 16Page - Active-Semi, Inc PAC5255 Datasheet HTML 17Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 71 page
background image
PAC5255
Power Application Controller
6. ABSOLUTE MAXIMUM RATINGS
Table 3. Absolute Maximum Ratings
(Do not exceed these limits to prevent damage to the device. Exposure to absolute maximum rating conditions for long periods may affect device
reliability.)
PARAMETER
VALUE
UNIT
VHM, DRM to VSSP
-0.3 to 54
V
VP to VSS
-0.3 to 20
V
CSM, REGO to VSS
-0.3 to VP + 0.3
V
VSYS, AIO6/.. to VSS
-0.3 to 6
V
VCC33 to VSS
-0.3 to 4.1
V
VCC18 to VSS
-0.3 to 2.5
V
AIOx/.. (except AIO6/..), VCCIO, CLKOUT/ENHS2 to VSS
-0.3 to VSYS + 0.3
V
PDx/.., PEx/.. to VSS
-0.3 to VCCIO + 0.3
V
XIN, XOUT to VSS
-0.3 to VCC18 + 0.3
V
PCx/.. to VSSA
-0.3 to VCC33 + 0.3
V
DRLx to VSSP
-0.3 to VP + 0.3
V
DXBx to VSSP
-0.3 to 630
V
DXSx to VSSP
-11 to 610
V
DXSx allowable offset slew rate (dVDXSx/dt)
-50 to 50
V/ns
DXBx, DXHx to respective DXSx
-0.3 to 22
V
OMx to VSSP
-0.3 to 24
V
VSSP, VSSA to VSS
-0.3 to 0.3
V
VSS, VSYS, DRM, DRLx, DXHx, REGO, OMx RMS current(1)
0.2
ARMS
VSSP RMS current(1)
0.4
ARMS
VP RMS current(1)
0.6
ARMS
Operating temperature range
-40 to 105
°C
Electrostatic discharge (ESD)
Human body model (JEDEC)
2
kV
Charge device model (JEDEC)
800
V
Machine model (JEDEC)
200
V
(1) Peak current can be 10 times higher than RMS value for pulses shorter than 10µs.
- 13 -
Rev 1.1‒April 15, 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com