| Electronic Components Datasheet Search |
|
UT80C196 Datasheet(PDF) 17 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
UT80C196 Datasheet(HTML) 17 Page - Aeroflex Circuit Technology |
|
17 / 42 page ![]() 17 25 TI HSI.1 --- High Speed Input Module, input pin 1. Setting IOC0.2 = 1 enables pin 25 as an HSI input, and allows events on this pin to be loaded into the HSI FIFO. TI T2CLK --- Timer 2 Clock. Setting IOC0.7 = 1 and IOC3.0 = 0 enables pin 25 to function as the Timer 2 clock source. 26 TO HSO.4 --- High Speed Output Module, output pin 4. This pin can simulta- neously operate in the HSI and HSO modes of operation. As a result, this pin acts as an output that the HSI monitors. Setting IOC1.4 = 1 enables the HSO.4 function of pin 26. TI HSI.2 --- High Speed Input Module, input pin 2. This pin can simulta- neously operate in the HSI and HSO modes of operation. As a result, this pin can monitor events on the HSO. Setting IOC0.4 = 1 enables pin 26 as an HSI input pin, and allows events on this pin to be loaded into the HSI FIFO. 27 TO HSO.5 --- High Speed Output Module, output pin 5. This pin can simulta- neously operate in the HSI and HSO modes of operation. As a result, this pin acts as an output that the HSI monitors. Setting IOC1.6 = 1 enables the HSO.5 function of pin 27. TI HSI.3 --- High Speed Input Module, input pin 3. This pin can simulta- neously operate in the HSI and HSO modes of operation. As a result, this pin can monitor events on the HSO. Setting IOC0.6 = 1 enables pin 27 as an HSI input pin, and allows events on this pin to be loaded into the HSI FIFO. 28 TDO HSO.0 --- High Speed Output Module, output pin 0. The HSO.0 pin is a dedicated output for the HSO module. 29 TDO HSO.1 --- High Speed Output Module, output pin 1. The HSO.1 pin is a dedicated output for the HSO module. Table 10: 68-lead Flat Pack Pin Descriptions QFP Pin# I/O Name Active Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |