Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8608 Datasheet(PDF) 15 Page - Wolfson Microelectronics plc

Part # WM8608
Description  5 TO 7.1 CHANNEL PWM CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8608 Datasheet(HTML) 15 Page - Wolfson Microelectronics plc

Back Button WM8608 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 19Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 54 page
background image
Product Preview
WM8608
w
PP Rev 1.5 March 2004
15
DEVICE DESCRIPTION
INTRODUCTION
The WM8608 is a high-performance multi-channel Pulse-Width Modulation (PWM) digital power
amplifier controller. The device accepts up to 7.1 channels of audio in PCM input format, and outputs
six PWM full-bandwidth channels, plus a PWM sub-woofer channel. The outputs are suitable for
directly driving integrated switching output stages available from a number of vendors. The device is
also compatible with discrete MOSFET output stages. In both cases, Wolfson Microelectronics offer
Reference Designs for complete PWM digital power amplifiers, providing high-performance low-cost
solutions ideal for Surround Sound AV Processors and DVD Receivers.
The WM8608 has a configurable input processor which accepts either Stereo, 5.1, 6.1 or 7.1
channels of PCM audio and outputs Stereo, 2.1, 5.1 or 6.1 outputs. This is done by mixing rear
channel data into centre rear or surround output channels, as required. If 5.1 channel data is input,
the surround data may be processed to create the rear-centre output.
The device has a Bass Management function, which has low-pass and high-pass filters for feeding
the sub channel and main output channels. It also provides selectable boost for the LFE channel.
Each channel can be configured to drive either “large” full-range speakers or “small” satellite
speakers with limited bass capability.
A Tone Control function is provided, plus selectable high frequency equalisation to compensate for
different loudspeaker characteristics. Independent volume control is provided for all channels, with
comprehensive mute features.
A Dynamic Peak Compressor with programmable attack and decay times is included, which allows
headroom for tone control, bass management and extra digital gain to be provided, without clipping
occurring.
The device is controlled via a 2/3 wire serial interface. The interface provides access to all features
including channel selection, volume controls, mute, de-emphasis and power management facilities.
SIGNAL PATH
The WM8606 receives digital input data via an 8-channel digital audio interface. The data is
processed in turn by the Input Processor, Bass Management and Equalisation, Volume Control and
Dynamic Peak Compressors, Interpolation Filters, and PCM-PWM Converters, as shown in Figure 7.
The PWM signals are output via selectable LVDS/CMOS drivers.
Figure 7 Signal Processing Block Diagram
Volume Control / Dynamic
Peak Compressors
PCM - PWM Converter
Interpolation Filters
Input Processor
Bass Management and
Equalisation
CMOS / LVDS Output
8 Channel Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com