Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8608 Datasheet(PDF) 26 Page - Wolfson Microelectronics plc

Part # WM8608
Description  5 TO 7.1 CHANNEL PWM CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8608 Datasheet(HTML) 26 Page - Wolfson Microelectronics plc

Back Button WM8608 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 30Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 54 page
background image
WM8608
Product Preview
w
PP Rev 1.5 March 2004
26
Once the WM8608 has acknowledged a correct address, the controller sends the first byte of control
data (B15 to B8, i.e. the WM8608 register address plus the first bit of register data). The WM8608
then acknowledges the first data byte by pulling SDIN low for one clock pulse. The controller then
sends the second byte of control data (B7 to B0, i.e. the remaining 8 bits of register data), and the
WM8608 acknowledges again by pulling SDIN low.
The transfer of data is complete when there is a low to high transition on SDIN while SCLK is high.
After receiving a complete address and data sequence the WM8608 returns to the idle state and
waits for another start condition. If a start or stop condition is detected out of sequence at any point
during data transfer (i.e. SDIN changes while SCLK is high), the device jumps to the idle condition.
SDIN
SCLK
register address and
1st register data bit
DEVICE ADDRESS
(7 BITS)
RD / WR
BIT
ACK
(LOW)
CONTROL BYTE 1
(BITS 15 TO 8)
CONTROL BYTE 1
(BITS 7 TO 0)
remaining 8 bits of
register data
STOP
START
ACK
(LOW)
ACK
(LOW)
Figure 18 2-Wire Serial Control Interface
The WM8608 has two possible device addresses, which can be selected using the CSB pin.
CSB STATE
DEVICE ADDRESS
Low
0011010
High
0011011
Table 20 2-Wire MPU Interface Address Selection
INPUT PROCESSOR
The WM8608 supports the production of 2.1, 5.1 and 6.1 outputs from stereo, 5.1, 6.1 and 7.1 inputs
according to Table 21 and Table 22.
INPUT CONFIGURATIONS
CONFIG
FL IN
FR IN
SL IN
SR IN
RL/RC
IN
RR/RC
IN
FC IN
LFE
IN
Stereo
•
•
5.1
•
•
•
•
•
•
6.1
•
•
•
•
• or •
•
•
7.1
•
•
•
•
•
•
•
•
Table 21 Input Configuration
The RC channel is accepted either in the RL or RR input, or alternatively in both RL and RR inputs.
Register control bit RCCFG (Table 23) determines which option is used.
OUTPUT CONFIGURATIONS
CONFIG
FL OUT
FR OUT
SL OUT
SR OUT
FC OUT
RC OUT
SUB
OUT
Stereo
•
•
2.1
•
•
•
5.1
•
•
•
•
•
•
6.1
•
•
•
•
•
•
•
Table 22 Output Configuration
By default the Subwoofer channel is directed to the SUB output, which is a lower bandwidth channel
operating at half the PWM frequency of the other channels. Optionally, the subwoofer channel can be
redirected to the RC channel at the full bandwidth.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com