Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8608 Datasheet(PDF) 28 Page - Wolfson Microelectronics plc

Part # WM8608
Description  5 TO 7.1 CHANNEL PWM CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8608 Datasheet(HTML) 28 Page - Wolfson Microelectronics plc

Back Button WM8608 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8608 Datasheet HTML 32Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 54 page
background image
WM8608
Product Preview
w
PP Rev 1.5 March 2004
28
STEREO INPUT – STEREO OUTPUT
The Front-Left and Front-Right inputs are passed to the Front-Left and Front-Right Outputs. All other
channels are muted.
STEREO INPUT – 2.1 OUTPUT
The Front-Left and Front-Right inputs are passed to the Front-Left and Front-Right Outputs. The low-
frequency contents of the Front inputs, may be optionally mixed and passed to the SUB output. The
Surround, Front Centre and Rear Centre channel outputs are muted.
5.1 INPUT – 2.1 OUTPUT
Stereo mix-down is not supported. In this mode, the Front-Left and Front-Right inputs are passed
to the Front-Left and Front-Right Outputs. The LFE and the low-frequency contents of the Front and
Surround inputs, may be optionally mixed and passed to the SUB output. The Surround, Front Centre
and Rear Centre channel outputs are muted.
5.1 INPUT – 6.1 OUTPUT
The Front and Surround channel inputs are passed to the Front and Surround channel outputs.
The LFE and the low-frequency contents of the Front and Surround inputs optionally, may be
mixed and passed to the SUB output. The RC OUT channel is obtained from the surround
channels according to the equation:
RC OUT = (SL IN + SR IN)/2
5.1 INPUT – 5.1 OUTPUT
The Front and Surround channel inputs are passed to the Front and Surround channel outputs.
The LFE and the low-frequency contents of the Front and Surround inputs, may be optionally
mixed and passed to the SUB output. The Rear-Centre channel is muted.
6.1 INPUT – 2.1 OUTPUT
Stereo mix-down is not supported. The Front-Left and Front-Right inputs are passed to the Front-
Left and Front-Right Outputs. The LFE and the low-frequency contents of the Front, Surround and
Rear-centre inputs are optionally mixed and passed to the SUB output. The Surround, Front Centre
and Rear Centre channel outputs are muted.
6.1 INPUT – 5.1 OUTPUT
The Front channel inputs are passed to the Front channel outputs. The LFE and the low-frequency
contents of the Front, Surround and Rear-centre inputs, may be optionally mixed and passed to the
SUB output. The RC IN channel is mixed into the SL OUT and SR OUT output channels according to
the equations:
SL OUT = (SL IN + RC IN)/2, SR OUT = (SR IN + RC IN)/2
The Rear-Centre output channel is muted.
6.1 INPUT –6.1 OUTPUT
The Front and Surround channel inputs are passed to the Front and Surround channel outputs.
The LFE and the low-frequency contents of the Front, Surround and Rear-centre inputs, may
be optionally mixed and passed to the SUB output. The RC OUT channel is obtained from
either RL IN or RR IN (dependent on setting of register bit RCFG).
7.1 INPUT – 2.1 OUTPUT
Stereo mix-down is not supported. The Front-Left and Front-Right inputs are passed to the Front-
Left and Front-Right outputs. The LFE and the low-frequency contents of the Front, Surround and
Rear inputs, may be optionally mixed and passed to the SUB output. The Surround, Front Centre and
Rear Centre channels are muted.
7.1 INPUT – 5.1 OUTPUT
The Front channel inputs are passed to the Front channel outputs. The LFE and the low-
frequency contents of the Front, Surround and Rear inputs, may be optionally mixed and
passed to the SUB output. The RL IN and RL OUT channels are mixed into the SL OUT and
SR OUT channels according to the equations:
SL OUT = (SL IN + RL IN)/2, SR OUT = (SR IN + RR IN)/2
The Rear-Centre output channel is muted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com