Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC33887VW/R2 Datasheet(PDF) 4 Page - Motorola, Inc

Part # PC33887VW/R2
Description  5.0 A H-Bridge with Load Current Feedback
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33887VW/R2 Datasheet(HTML) 4 Page - Motorola, Inc

  PC33887VW/R2 Datasheet HTML 1Page - Motorola, Inc PC33887VW/R2 Datasheet HTML 2Page - Motorola, Inc PC33887VW/R2 Datasheet HTML 3Page - Motorola, Inc PC33887VW/R2 Datasheet HTML 4Page - Motorola, Inc PC33887VW/R2 Datasheet HTML 5Page - Motorola, Inc PC33887VW/R2 Datasheet HTML 6Page - Motorola, Inc PC33887VW/R2 Datasheet HTML 7Page - Motorola, Inc PC33887VW/R2 Datasheet HTML 8Page - Motorola, Inc PC33887VW/R2 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
33887
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
4
D2
NC
28
27
26
25
24
23
22
21
2
3
4
5
6
7
8
9
PGND
PGND
PGND
PGND
PGND
PGND
IN2
D1
EN
V+
V+
NC
AGND
FS
20
FB
19
NC
10
NC
1
NC
Transparent Top View of Package
PQFN TERMINAL DEFINITIONS
A functional description of each terminal can be found in the System/Application Information section, page 19.
Terminal
Terminal
Name
Formal Name
Definition
1, 7, 10, 16,
19, 28, 31
NC
No Connect
No internal connection to this terminal.
2
D1
Disable 1
Active HIGH input used to simultaneously tri-state disable both H-Bridge
outputs. When D1 is Logic HIGH, both outputs are tri-stated.
3
IN2
Logic Input Control 2
Logic input control of OUT2 (i.e., IN2 logic HIGH = OUT2 HIGH).
4
EN
Enable
Logic input Enable control of device (i.e., EN logic HIGH = full operation,
EN logic LOW = Sleep Mode).
5, 6, 12, 13, 34, 35
V+
Positive Power Supply
Positive supply connections.
8
AGND
Analog Ground
Low-current analog signal ground.
9
FS
Fault Status for H-Bridge
Open drain active LOW Fault Status output requiring a pullup resistor to
5.0 V.
11
IN1
Logic Input Control 1
Logic input control of OUT1 (i.e., IN1 logic HIGH = OUT1 HIGH).
14, 15, 17, 18
OUT1
H-Bridge Output 1
Output 1 of H-Bridge.
20
FB
Feedback for H-Bridge
Current feedback output providing ground referenced 1/375th ratio of
H-Bridge high-side current.
21–26
PGND
Power Ground
High-current power ground.
27
D2
Disable 2
Active LOW input used to simultaneously tri-state disable both H-Bridge
outputs. When D2 is Logic LOW, both outputs are tri-stated.
29, 30, 32, 33
OUT2
H-Bridge Output 2
Output 2 of H-Bridge.
36
CCP
Charge Pump Capacitor
External reservoir capacitor connection for internal charge pump capacitor.
Pad
Thermal
Interface
Exposed Pad Thermal
Interface
Exposed pad thermal interface for sinking heat from the device.
Note Must be DC-coupled to analog ground and power ground via very low
impedance path to prevent injection of spurious signals into IC substrate.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com