Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC33887VW/R2 Datasheet(PDF) 22 Page - Motorola, Inc

Part # PC33887VW/R2
Description  5.0 A H-Bridge with Load Current Feedback
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33887VW/R2 Datasheet(HTML) 22 Page - Motorola, Inc

Back Button PC33887VW/R2 Datasheet HTML 18Page - Motorola, Inc PC33887VW/R2 Datasheet HTML 19Page - Motorola, Inc PC33887VW/R2 Datasheet HTML 20Page - Motorola, Inc PC33887VW/R2 Datasheet HTML 21Page - Motorola, Inc PC33887VW/R2 Datasheet HTML 22Page - Motorola, Inc PC33887VW/R2 Datasheet HTML 23Page - Motorola, Inc PC33887VW/R2 Datasheet HTML 24Page - Motorola, Inc PC33887VW/R2 Datasheet HTML 25Page - Motorola, Inc PC33887VW/R2 Datasheet HTML 26Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
33887
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
22
PACKAGE DIMENSIONS
GAUGE
PLANE
DETAIL Y
(1.600)
L
W
W
q
L1
A1
ccc D
D
SEATING
PLANE
DATUM
PLANE
A
A2
DETAIL Y
C
H
BOTTOM VIEW
D1
E3
E4
EXPOSED
HEATSINK AREA
DIM
MIN
MAX
MILLIMETERS
A
3.100
3.350
A1
0.050 BSC
A2
3.100
3.250
D
15.800
16.000
D1
12.270
12.470
D2
0.900
1.100
E
13.950
14.450
E1
10.900
11.100
E2
2.500
2.700
E3
7.000
7.200
L
0.840
1.100
L1
0.350 BSC
b
0.400
0.520
b1
0.400
0.482
c
0.230
0.310
c1
0.230
0.280
e
1.270 BSC
h
---
1.100
q
0
8
aaa
0.200
bbb
0.200
E4
2.700
2.900
ccc
0.100
NOTES:
1. CONTROLLING DIMENSION: MILLIMETER.
2. DIMENSIONS AND TOLERANCES PER ASME
Y14.5M, 1994.
3. DATUM PLANE -H- IS LOCATED AT BOTTOM OF
LEAD AND IS COINCIDENT WITH THE LEAD
WHERE THE LEAD EXITS THE PLASTIC BODY AT
THE BOTTOM OF THE PARTING LINE.
4. DIMENSIONS D AND E1 DO NOT INCLUDE MOLD
PROTRUSION. ALLOWABLE PROTRUSION IS
0.150 PER SIDE. DIMENSIONS D AND E1 DO
INCLUDE MOLD MISMATCH AND ARE
DETERMINED AT DATUM PLANE -H-.
5. DIMENSION b DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.178 TOTAL IN EXCESS
OF THE b DIMENSION AT MAXIMUM MATERIAL
CONDITION.
6. DATUMS -A- AND -B- TO BE DETERMINED AT
DATUM PLANE -H-.
7. DIMENSION D DOES NOT INCLUDE TIEBAR
PROTRUSIONS. ALLOWABLE TIEBAR
PROTRUSIONS ARE 0.150 PER SIDE.
X 45˚
h
E1
E
D
e
18X
e/2
B
M
bbb
C
20
11
10
1
E2
D2
A
B
PIN ONE ID
SECTION W-W
b
c1
b1
c
A
M
aaa
C
DH SUFFIX
VW (Pb-FREE) SUFFIX
20-TERMINAL HSOP
PLASTIC PACKAGE
CASE 979-04
ISSUE C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com