Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC33887VW/R2 Datasheet(PDF) 7 Page - Motorola, Inc

Part # PC33887VW/R2
Description  5.0 A H-Bridge with Load Current Feedback
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33887VW/R2 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button PC33887VW/R2 Datasheet HTML 3Page - Motorola, Inc PC33887VW/R2 Datasheet HTML 4Page - Motorola, Inc PC33887VW/R2 Datasheet HTML 5Page - Motorola, Inc PC33887VW/R2 Datasheet HTML 6Page - Motorola, Inc PC33887VW/R2 Datasheet HTML 7Page - Motorola, Inc PC33887VW/R2 Datasheet HTML 8Page - Motorola, Inc PC33887VW/R2 Datasheet HTML 9Page - Motorola, Inc PC33887VW/R2 Datasheet HTML 10Page - Motorola, Inc PC33887VW/R2 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33887
7
THERMAL RESISTANCE (AND PACKAGE DISSIPATION) RATINGS (Note 8), (Note 9), (Note 10), (Note 11)
Junction-to-Board (Bottom Exposed Pad Soldered to Board)
HSOP (6.0 W)
PQFN (4.0 W)
SOICW-EP (2.0 W)
RθJB
~5.0
~4.3
~8.0
°C/W
Junction-to-Ambient, Natural Convection, Single-Layer Board (1s)
(Note 12)
HSOP (6.0 W)
PQFN (4.0 W)
SOICW-EP (2.0 W)
RθJA
~41
~TBD
~62
°C/W
Junction-to-Ambient, Natural Convection, Four-Layer Board (2s2p)
(Note 13)
HSOP (6.0 W)
PQFN (4.0 W)
SOICW-EP (2.0 W)
RθJMA
~30
~21.3
~TBD
°C/W
Junction-to-Case (Exposed Pad) (Note 14)
HSOP (6.0 W)
PQFN (4.0 W)
SOICW-EP (2.0 W)
RθJC
~0.5
~0.9
~1.5
°C/W
Notes
8.
The limiting factor is junction temperature, taking into account the power dissipation, thermal resistance, and heat sinking.
9.
Exposed heatsink pad plus the power and ground terminals comprise the main heat conduction paths. The actual RθJB (junction-to-PC board)
values will vary depending on solder thickness and composition and copper trace thickness. Maximum current at maximum die temperature
represents ~16 W of conduction loss heating in the diagonal pair of output MOSFETs. Therefore, the RθJC-total must be less than 5.0 °C/W
for maximum load at 70°C ambient. Module thermal design must be planned accordingly.
10.
Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured on the top surface
of the board near the package.
11.
Junction temperature is a function of on-chip power dissipation, package thermal resistance, mounting site (board) temperature, ambient
temperature, air flow, power dissipation of other components on the board, and board thermal resistance.
12.
Per SEMI G38-87 and JEDEC JESD51-2 with the single-layer board (JESD51-3) horizontal.
13.
Per JEDEC JESD51-6 with the board horizontal.
14.
Indicates the average thermal resistance between the die and the exposed pad surface as measured by the cold plate method (MIL SPEC-
883 Method 1012.1) with the cold plate temperature used for the case temperature.
MAXIMUM RATINGS (continued)
All voltages are with respect to ground unless otherwise noted.
Rating
Symbol
Value
Unit
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com