Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

QS40.481 Datasheet(PDF) 11 Page - PULS GmbH

Part # QS40.481
Description  SINGLE PHASE INPUT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

QS40.481 Datasheet(HTML) 11 Page - PULS GmbH

Back Button QS40.481 Datasheet HTML 7Page - PULS GmbH QS40.481 Datasheet HTML 8Page - PULS GmbH QS40.481 Datasheet HTML 9Page - PULS GmbH QS40.481 Datasheet HTML 10Page - PULS GmbH QS40.481 Datasheet HTML 11Page - PULS GmbH QS40.481 Datasheet HTML 12Page - PULS GmbH QS40.481 Datasheet HTML 13Page - PULS GmbH QS40.481 Datasheet HTML 14Page - PULS GmbH QS40.481 Datasheet HTML 15Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
QS40.481
Q-Series
48V, 20A, SINGLE PHASE INPUT
12. EFFICIENCY AND POWER LOSSES
AC 100V
AC 120V
AC 230V
Efficiency
typ.
93.5%
93.9%
95.0%
at 48V, 20A
Average efficiency*)
typ.
92.9%
93.3%
93.9%
25% at 5A, 25% at 10A, 25%
at 15A. 25% at 20A
Power losses
typ.
3.6W
3.5W
3.3W
with activated shut-down
typ.
13.5W
12.8W
12.8W
at 48V, 0A (no load)
typ.
35.6W
34.0W
30.1W
at 48V, 10A (half load)
typ.
66.7W
62.4W
50.5W
at 48V, 20A (full load)
*)
The average efficiency is an assumption for a typical application where the power supply is loaded with 25% of the nominal load for 25%
of the time, 50% of the nominal load for another 25% of the time, 75% of the nominal load for another 25% of the time and with 100%
of the nominal load for the rest of the time.
Fig. 12-1 Efficiency vs. output current at 48V,
typ.
Fig. 12-2 Losses vs. output current at 48V,
typ.
Efficiency
4
6
8
1012
1416
18 20A
88
89
90
91
92
93
Output Current
94
95
96%
120Vac
100Vac
230Vac
Power Losses
0
2468 10 12 14
20A
10
0
30
40
50
70
80W
120Vac
100Vac
230Vac
16 16
60
20
Output Current
Fig. 12-3 Efficiency vs. input voltage at 48V,
20A, typ.
Fig. 12-4 Losses vs. input voltage at 48V, 20A,
typ.
Efficiency
85
120
155
190
225 260Vac
89
90
91
92
Input Voltage
93
94
95%
Power Losses
20
30
40
50
60
70
80W
85
120
155
190
225 260Vac
Input Voltage
Jul. 2015 / Rev. 1.2 DS-QS40.481-EN
All parameters are specified at 48V, 20A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
11/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com