Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

QS40.481 Datasheet(PDF) 6 Page - PULS GmbH

Part # QS40.481
Description  SINGLE PHASE INPUT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

QS40.481 Datasheet(HTML) 6 Page - PULS GmbH

Back Button QS40.481 Datasheet HTML 2Page - PULS GmbH QS40.481 Datasheet HTML 3Page - PULS GmbH QS40.481 Datasheet HTML 4Page - PULS GmbH QS40.481 Datasheet HTML 5Page - PULS GmbH QS40.481 Datasheet HTML 6Page - PULS GmbH QS40.481 Datasheet HTML 7Page - PULS GmbH QS40.481 Datasheet HTML 8Page - PULS GmbH QS40.481 Datasheet HTML 9Page - PULS GmbH QS40.481 Datasheet HTML 10Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
QS40.481
Q-Series
48V, 20A, SINGLE PHASE INPUT
6. OUTPUT
Output voltage
nom.
DC 48V
Adjustment range
min.
48-54Vdc
guaranteed
max.
56Vdc****)
at clockwise end position of potentiometer
Factory setting
typ.
48.0Vdc
±0.2%, at full load, cold unit, in “single use” mode
typ.
46.0Vdc
±0.5%, at full load, cold unit, in “parallel use” mode
typ.
48.0Vdc
at no load, cold unit, in “parallel use” mode
Line regulation
max.
10mV
85-300Vac
Load regulation
max.
50mV
in “single use” mode: static value, 0A
20A, see Fig. 6-1
typ.
2000mV
in “parallel use” mode: static value, 0A 20A,
see Fig. 6-2
Ripple and noise voltage
max.
150mVpp
20Hz to 20MHz, 50Ohm
Output current
nom.
20A
continuously available at 48V, see Fig. 6-1 and Fig. 6-2
nom.
17.8A
continuously available at 54V, see Fig. 6-1 and Fig. 6-2
nom.
30A
short term available BonusPower®*), at 48V
for typical 4s, see Fig. 6-1 and Fig. 6-2
nom.
26.7A
short term available BonusPower®*), at 54V
for typical 4s, see Fig. 6-1 and Fig. 6-2
typ.
55A
up to 10ms, output voltage stays above 40V, see Fig.
6-4, This peak current is available once every second.
See chapter 25.2 for more peak current measurements.
Output power
nom.
960W
continuously available at 48-54V
nom.
1440W*)
short term available BonusPower®*) at 48-54V
BonusPower® time
typ.
4s
duration until the output voltage dips, see Fig. 6-5
BonusPower® recovery time
typ.
7s
overload free time to reset power manager, see Fig. 6-6
Overload behavior
cont. current
output voltage > 40Vdc, see Fig. 6-1
HiccupPLUS mode**)
output voltage < 40Vdc, see Fig. 6-1
Short-circuit current
min.
30A***)
load impedance 50mOhm, see Fig. 6-3
max.
35A***)
load impedance 50mOhm, see Fig. 6-3
max.
11.5A
average (R.M.S.) current, load impedance 50mOhm, see
Fig. 6-3
typ.
62A
up to 10ms, load impedance <10mOhm, see Fig. 6-4
Output capacitance
typ.
3 700μF
included in the power supply
*)
BonusPower®, short term power capability (up to typ. 4s)
The power supply is designed to support loads with a higher short-term power requirement without damage or shutdown. The short-
term duration is hardware controlled by an output power manager. This BonusPower® is repeatedly available. Detailed information
can be found in chapter 25.1. If the power supply is loaded longer with the BonusPower® than shown in the Bonus-time diagram (see
Fig. 6-5), the max. output power is automatically reduced to 960W. If the power requirement is continuously above 960W and the
voltage falls below approx. 40V (due to the current regulating mode at overload), the unit shuts-off and makes periodical restart
attempts. This behavior is called hiccup mode which is described below. If the voltage is above 40V, the unit continuously delivers
current.
**)
HiccupPLUS Mode
Up to 4s of overloading, the power supply delivers continuous output current. After this, the output power is reduced to nearly zero
for approx. 17s before a new start attempt is automatically performed. If the overload has been cleared, the device will operate
normally. If the overload still exists, the output current will be delivered for 2 to 4s (depending on the overload) again followed by a
17s rest time. This cycle is repeated as long as the overload exists. See Fig. 6-3. During the off-period a small rest voltage and rest
current is present on the output.
***)
Discharge current of output capacitors is not included.
****)
This is the maximum output voltage which can occur at the clockwise end position of the potentiometer due to tolerances. It is not
guaranteed value which can be achieved. The typical value is about 55V.
Jul. 2015 / Rev. 1.2 DS-QS40.481-EN
All parameters are specified at 48V, 20A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
6/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com