Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

QS40.481 Datasheet(PDF) 1 Page - PULS GmbH

Part # QS40.481
Description  SINGLE PHASE INPUT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

QS40.481 Datasheet(HTML) 1 Page - PULS GmbH

  QS40.481 Datasheet HTML 1Page - PULS GmbH QS40.481 Datasheet HTML 2Page - PULS GmbH QS40.481 Datasheet HTML 3Page - PULS GmbH QS40.481 Datasheet HTML 4Page - PULS GmbH QS40.481 Datasheet HTML 5Page - PULS GmbH QS40.481 Datasheet HTML 6Page - PULS GmbH QS40.481 Datasheet HTML 7Page - PULS GmbH QS40.481 Datasheet HTML 8Page - PULS GmbH QS40.481 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
QS40.481
Q-Series
48V, 20A, SINGLE PHASE INPUT
POWER SUPPLY
AC 100-240V Wide-range Input
Width only 125mm, Weight only 1.9kg
95.0% Full Load and Excellent Partial Load Efficiencies
50% BonusPower®, 1440W for up to 4s
55A High Peak Current for 10ms for Easy Fuse Tripping
Safe HiccupPLUS Overload Mode
Active PFC (Power Factor Correction)
Negligible Low Input Inrush Current Surge
Full Power Between -25°C and +60°C
Current Sharing Feature for Parallel Use
Internal Data Logging for Troubleshooting Included.
Remote Control of Output Voltage
DC-OK Relay Contact
Shut-down Input
ATEX and IECEx Approved
3 Year Warranty
1/28
GENERAL DESCRIPTION
The most outstanding features of this Dimension
QS40.481 DIN-rail power supply are the extremely high
efficiency and the small size, which are achieved by a
synchronous rectification, a bridgeless PFC circuit and
additional unique design details.
Large power reserves of 150% and built-in large sized
output capacitors support the starting of heavy loads
such as DC motors or capacitive loads. In many cases this
allows the use of a unit from a lower wattage class
which saves space and money.
High immunity to transients and power surges as well as
low electromagnetic emissions makes usage in nearly
every environment possible.
The integrated input fuse as well as the near zero input
inrush current make installation and usage simple.
Diagnostics are easy due to the DC-OK relay, a green
DC-OK LED and the red overload LED.
A large international approval package for a variety of
applications makes this unit suitable for nearly every
application.
SHORT-FORM DATA
Output voltage
DC 48V
nominal
Adjustment range
48 - 54Vdc
Output current
20 – 17.8A
continuous
30 – 26.7A
short term (4s)
Output power
960W
continuous
1440W
short term (4s)
Output ripple
< 150mVpp
20Hz to 20MHz
Input voltage
AC 100-240V
-15%/+10%
Mains frequency
50-60Hz
±6%
AC Input current
8.6 / 4.5A
at 120 / 230Vac
Power factor
0.99 / 0.99
at 120 / 230Vac
AC Inrush current
17 / 11A peak
at 120 / 230Vac
Efficiency
93.9 / 95.0%
at 120 / 230Vac
Losses
62.4 / 50.5W
at 120 / 230Vac
Temperature range -25°C to +70°C
operational
Derating
24W/°C
+60 to +70°C
between 85-90Vac see chapter 18
Hold-up time
27 / 27ms
at 120 / 230Vac
Dimensions
125x124x127mm WxHxD
Weight
1900g / 4.2lb
ORDER NUMBERS
Power Supply
QS40.481
48-54V Standard unit
Accessory
ZM2.WALL
Wall mount bracket
UF20.481
Buffer unit
YR40.482
Redundancy module
MARKINGS
IND. CONT. EQ.
UL 508
UL 60950-1
EMC, LVD, RoHS, ATEX
Class I Div 2
IECEx
ATEX
II 3G Ex nA nC II T3 Gc
Jul. 2015 / Rev. 1.2 DS-QS40.481-EN
All parameters are specified at 48V, 20A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany


Similar Part No. - QS40.481

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
QS40.484 PULS-QS40.484 Datasheet
754Kb / 28P
SINGLE PHASE INPUT
More results

Similar Description - QS40.481

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CP10.121 PULS-CP10.121 Datasheet
724Kb / 26P
SINGLE PHASE INPUT
CP10.361 PULS-CP10.361 Datasheet
743Kb / 27P
SINGLE PHASE INPUT
CPS20.241 PULS-CPS20.241 Datasheet
718Kb / 26P
SINGLE PHASE INPUT
CS3.241 PULS-CS3.241 Datasheet
611Kb / 24P
SINGLE PHASE INPUT
CS5.243 PULS-CS5.243 Datasheet
622Kb / 24P
SINGLE PHASE INPUT
CS5.244 PULS-CS5.244 Datasheet
607Kb / 23P
SINGLE PHASE INPUT
CS10.241 PULS-CS10.241 Datasheet
668Kb / 26P
SINGLE PHASE INPUT
ML30.241 PULS-ML30.241 Datasheet
528Kb / 23P
SINGLE PHASE INPUT
ML50.100 PULS-ML50.100 Datasheet
637Kb / 20P
SINGLE PHASE INPUT
QS40.484 PULS-QS40.484 Datasheet
754Kb / 28P
SINGLE PHASE INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com