Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI6C2408 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI6C2408
Description  Zero-Delay Clock Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C2408 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI6C2408 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C2408 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C2408 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C2408 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C2408 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C2408 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C2408 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C2408 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C2408 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
PS8589E
09/15/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C2408
Zero Delay Clock Buffer
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
D.
n
i
M.
x
a
Ms
t
i
n
U
V D
D
e
g
a
tl
o
V
y
l
p
p
u
S0
.
36
.
3V
TA
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
O
l
a
c
i
r
e
m
m
o
C0
0
7
C
º
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
O
l
a
i
r
t
s
u
d
n
I0
4
–5
8
CL
z
H
M
0
0
1
w
o
l
e
b
,
e
c
n
a
ti
c
a
p
a
C
d
a
o
L
0
3
F
p
z
H
M
0
4
1
o
t
z
H
M
0
0
1
m
o
r
f
,
e
c
n
a
ti
c
a
p
a
C
d
a
o
L
5
1
C N
I
e
c
n
a
ti
c
a
p
a
C
t
u
p
n
I
7
OperatingConditions(VCC=3.3V±0.3V)
DC Electrical Characteristics for Industrial Temperature Devices
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
t
s
e
T.
n
i
M.
x
a
Ms
t
i
n
U
V L
I
e
g
a
tl
o
V
W
O
L
t
u
p
n
I
8
.
0
V
V H
I
e
g
a
tl
o
V
H
G
I
H
t
u
p
n
I
0
.
2
I L
I
t
n
e
r
r
u
C
W
O
L
t
u
p
n
IV N
I =V
00
.
0
5
µA
I H
I
t
n
e
r
r
u
C
H
G
I
H
t
u
p
n
IV N
I =V D
D
0
.
0
0
1
V L
O
e
g
a
tl
o
V
W
O
L
t
u
p
t
u
OI L
O
I
;
)
6
–
,
4
–
,
3
–
,
2
–
,
1
–
(
A
m
8
=
L
O
)
H
1
–
(
A
m
2
1
=4
.
0
V
V H
O
e
g
a
tl
o
V
H
G
I
H
t
u
p
t
u
OI H
O
I
;
)
6
–
,
4
–
,
3
–
,
2
–
,
1
–
(
A
m
8
–
=
H
O
)
H
1
–
(
A
m
2
1
–
=4
.
2
I D
D
)
e
d
o
m
D
P
(t
n
e
r
r
u
C
y
l
p
p
u
S
n
w
D
r
w
P)
6
–
(
0
=
2
L
E
S
;
)
H
1
–
,
4
–
,
3
–
,
2
–
,
1
–
(
0
=
1
L
E
S0
.
5
2
µA
I D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
,
z
H
M
0
0
1
s
t
u
p
t
u
o
d
e
d
a
o
l
n
U
V
t
a
s
t
u
p
n
i
t
c
e
l
e
S
D
D
D
N
G
r
o
0
.
4
5
A
m
)
H
1
–
(
0
.
0
7
)
H
1
–
(
t
p
e
c
x
e
,
N
I
K
L
C
,
z
H
M
6
6
s
t
u
p
t
u
o
d
e
d
a
o
l
n
U0
.
9
3
)
H
1
–
(
t
p
e
c
x
e
,
N
I
K
L
C
,
z
H
M
3
3
s
t
u
p
t
u
o
d
e
d
a
o
l
n
U0
.
0
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com