Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI6C2408 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI6C2408
Description  Zero-Delay Clock Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C2408 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI6C2408 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C2408 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C2408 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C2408 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C2408 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C2408 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C2408 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C2408 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C2408 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C2408
Zero Delay Clock Buffer
PS8589E
09/15/04
Notes:
1. See Switching Waveforms on page 7.
s
r
e
t
e
m
a
r
a
Pe
m
a
Ns
n
o
i
t
i
d
n
o
C
t
s
e
T.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
FO
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
d
a
o
l
F
p
0
3
0
.
0
1
0
0
1
z
H
M
d
a
o
l
F
p
5
10
4
1
t C
D
e
l
c
y
C
y
t
u
D
)
1
(
)
6
–
,
4
–
,
3
–
,
2
–
,
1
–
(
V
t
a
d
e
r
u
s
a
e
M
D
D
F
,
2
/
T
U
O
d
a
o
l
F
p
0
3
z
H
M
7
6
.
6
6
<
0
.
0
4
0
5
0
.
0
6
%
V
t
a
d
e
r
u
s
a
e
M
D
D
F
,
2
/
T
U
O
d
a
o
l
F
p
5
1
z
H
M
0
4
1
<
V
t
a
d
e
r
u
s
a
e
M
D
D
F
,
2
/
T
U
O
d
a
o
l
F
p
0
3
z
H
M
5
4
<0
.
5
4
0
.
5
5
e
l
c
y
C
y
t
u
D
)
1
(
)
H
1
–
(
V
t
a
d
e
r
u
s
a
e
M
D
D
F
,
2
/
T
U
O
d
a
o
l
F
p
0
3
z
H
M
7
6
.
6
6
<0
.
5
4
V
t
a
d
e
r
u
s
a
e
M
D
D
F
,
2
/
T
U
O
d
a
o
l
F
p
5
1
z
H
M
0
4
1
<0
.
0
40
.
0
6
V
t
a
d
e
r
u
s
a
e
M
D
D
F
,
2
/
T
U
O
d
a
o
l
F
p
0
3
z
H
M
5
4
<0
.
5
40
.
5
5
tR
e
m
i
T
e
s
i
R
)
1
(
)
,
4
–
,
3
–
,
2
–
,
1
–
(
d
a
o
l
F
p
0
3
,
V
0
.
2
d
n
a
V
8
.
0
n
e
e
w
t
e
b
d
e
r
u
s
a
e
M2
.
2
s
n
d
a
o
l
F
p
5
1
,
V
0
.
2
d
n
a
V
8
.
0
n
e
e
w
t
e
b
d
e
r
u
s
a
e
M0
5
.
1
e
m
i
T
e
s
i
R
)
1
(
)
H
1
–
(d
a
o
l
F
p
0
3
,
V
0
.
2
d
n
a
V
8
.
0
n
e
e
w
t
e
b
d
e
r
u
s
a
e
M0
5
.
1
tF
e
m
i
T
ll
a
F
)
1
(
)
,
4
–
,
3
–
,
2
–
,
1
–
(
d
a
o
l
F
p
0
3
,
V
0
.
2
d
n
a
V
8
.
0
n
e
e
w
t
e
b
d
e
r
u
s
a
e
M0
5
.
2
d
a
o
l
F
p
5
1
,
V
0
.
2
d
n
a
V
8
.
0
n
e
e
w
t
e
b
d
e
r
u
s
a
e
M0
5
.
1
e
m
i
T
ll
a
F
)
1
(
)
H
1
–
(d
a
o
l
F
p
0
3
,
V
0
.
2
d
n
a
V
8
.
0
n
e
e
w
t
e
b
d
e
r
u
s
a
e
M5
2
.
1
t
)
O
(
K
S
n
i
h
ti
w
w
e
k
S
t
u
p
t
u
O
o
t
t
u
p
t
u
O
)
6
–
,
4
–
,
3
–
,
2
–
,
1
–
(
k
n
a
B
e
m
a
s
)
1
(
d
e
d
a
o
l
y
ll
a
u
q
e
s
t
u
p
t
u
o
ll
A
0
0
2
s
p
w
e
k
S
B
T
U
O
o
t
A
T
U
O
)
1
(
)
4
–
,
H
1
–
,
1
–
(
w
e
k
S
B
T
U
O
o
t
A
T
U
O
)
1
(
)
6
–
,
3
–
,
2
–
(
0
0
4
t0
e
g
d
E
g
n
i
s
i
R
N
I
K
L
C
,
y
a
l
e
D
e
g
d
E
g
n
i
s
i
R
N
I
_
B
F
o
t
)
1
(
V
t
a
d
e
r
u
s
a
e
M
D
D 2
/
00
5
1
±
t
)
D
(
K
S
w
e
k
S
e
c
i
v
e
D
-
o
t
-
e
c
i
v
e
D
)
1
(
V
t
a
d
e
r
u
s
a
e
M
D
D
s
e
c
i
v
e
d
f
o
s
n
i
p
N
I
_
B
F
n
o
2
/0
0
0
5
t
W
E
L
S
e
t
a
R
w
e
l
S
t
u
p
t
u
O
)
1
(
e
c
i
v
e
d
H
1
–
n
o
V
0
.
2
&
V
8
.
0
n
e
e
w
t
e
b
d
e
r
u
s
a
e
M
2
#
t
r
C
t
s
e
T
g
n
i
s
u
1s
n
/
V
t T
I
J
r
e
tt
i
J
e
l
c
y
C
-
o
t
-
e
l
c
y
C
)
1
(
)
4
–
,
H
1
–
,
1
–
(
d
a
o
l
F
p
0
3
d
e
d
a
o
l
,
z
H
M
7
6
.
6
6
t
a
d
e
r
u
s
a
e
M0
0
2
s
p
d
a
o
l
F
p
5
1
d
e
d
a
o
l
,
z
H
M
0
4
1
t
a
d
e
r
u
s
a
e
M0
0
1
r
e
tt
i
J
e
l
c
y
C
-
o
t
-
e
l
c
y
C
)
1
(
)
6
–
,
3
–
,
2
–
(
d
a
o
l
F
p
0
3
d
e
d
a
o
l
,
z
H
M
7
6
.
6
6
t
a
d
e
r
u
s
a
e
M0
0
4
t
K
C
O
L
e
m
i
T
k
c
o
L
L
L
P
)
1
(
s
k
c
o
l
c
d
il
a
v
,
y
l
p
p
u
s
r
e
w
o
p
e
l
b
a
t
S
s
n
i
p
N
I
_
B
F
d
n
a
N
I
K
L
C
n
o
d
e
t
n
e
s
e
r
p
0
.
1s
m
AC Elecrical Characteristics for Industrial Temperature Devices



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com