Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI6C2408 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6C2408
Description  Zero-Delay Clock Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C2408 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6C2408 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C2408 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C2408 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C2408 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C2408 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C2408 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C2408 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C2408 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C2408 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
PS8589E
09/15/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C2408
Zero Delay Clock Buffer
2
L
E
S1
L
E
S]
4
-
1
[
A
T
U
O]
4
-
1
[
B
T
U
Oe
c
r
u
o
S
t
u
p
t
u
OL
L
P
00
e
t
a
t
S
-
3e
t
a
t
S
-
3L
L
PF
F
O
01
L
L
Pe
t
a
t
S
-
3L
L
PN
O
10
N
I
K
L
CN
I
K
L
CN
I
K
L
CF
F
O
11
L
L
PL
L
PL
L
PN
O
Input Select Decoding for PI6C2408 (-1, -1H,-4)
e
c
i
v
e
Dm
o
r
F
k
c
a
b
d
e
e
Fy
c
n
e
u
q
e
r
F
]
4
-
1
[
A
T
U
Oy
c
n
e
u
q
e
r
F
]
4
-
1
[
B
T
U
O
1
-
8
0
4
2
C
6
I
PB
T
U
O
r
o
A
T
U
ON
I
K
L
CN
I
K
L
C
H
1
-
8
0
4
2
C
6
I
PB
T
U
O
r
o
A
T
U
ON
I
K
L
CN
I
K
L
C
2
-
8
0
4
2
C
6
I
PA
T
U
ON
I
K
L
C2
/
N
I
K
L
C
2
-
8
0
4
2
C
6
I
PB
T
U
ON
I
K
L
C
X
2N
I
K
L
C
3
-
8
0
4
2
C
6
I
PA
T
U
ON
I
K
L
C
X
2N
I
K
L
C
r
o
N
I
K
L
C
)
1
(
3
-
8
0
4
2
C
6
I
PB
T
U
ON
I
K
L
C
X
4N
I
K
L
C
X
2
4
-
8
0
4
2
C
6
I
PB
T
U
O
r
o
A
T
U
ON
I
K
L
C
X
2N
I
K
L
C
X
2
6
-
8
0
4
2
C
6
I
PA
T
U
ON
I
K
L
C2
/
N
I
K
L
C
r
o
N
I
K
L
C
6
-
8
0
4
2
C
6
I
PB
T
U
ON
I
K
L
C
X
2
r
o
N
I
K
L
CN
I
K
L
C
PI6C2408Configurations
2
L
E
S1
L
E
S]
4
-
1
[
A
T
U
O]
4
-
1
[
B
T
U
Oe
c
r
u
o
S
t
u
p
t
u
OL
L
P
00
e
t
a
t
S
-
3e
t
a
t
S
-
3L
L
PF
F
O
01
N
I
K
L
C2
/
N
I
K
L
CN
I
K
L
CF
F
O
10
L
L
PL
L
PL
L
PN
O
11
L
L
P2
/
L
L
PL
L
PN
O
Input Select Decoding for PI6C2408-6
Note:
1. Output phase is indeterminant (0° or 180° from CLKIN)
2
L
E
S1
L
E
S]
4
-
1
[
A
T
U
O]
4
-
1
[
B
T
U
Oe
c
r
u
o
S
t
u
p
t
u
OL
L
P
00
e
t
a
t
S
-
3e
t
a
t
S
-
3L
L
PF
F
O
01
L
L
Pe
t
a
t
S
-
3L
L
PN
O
10
N
I
K
L
C2
/
N
I
K
L
CN
I
K
L
CF
F
O
11
L
L
PL
L
PL
L
PN
O
Input Select Decoding for PI6C2408 (-2,-3)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com