Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC32RF44IRMP Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF44IRMP
Description  Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC32RF44IRMP Datasheet(HTML) 33 Page - Texas Instruments

Back Button ADC32RF44IRMP Datasheet HTML 29Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 30Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 31Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 32Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 33Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 34Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 35Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 36Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 134 page
background image
IQ 2.6 GSPS
N/2
ADC
NCO 2,
16 Bits
2.6 GSPS
IQ Data, 2.6 GSPS
RX1 IQ Output
GPIO
SYSREF
RX2 IQ Output
NCO 1,
16 Bits
NCO 3,
16 Bits
NCO 4,
16 Bits
RX1 Real Output
Wideband IQ Output
2,3
Wideband Real Output
RX2 Real Output
JESD204B
fOUT / 4
2
fOUT / 4
fOUT / 4
LPF
LPF
2
LPF
LPF
N/2
2
LPF
LPF
IQ Data
Real[ ]
Real[ ]
Real[ ]
IQ Data
IQ Data
33
ADC32RF44
www.ti.com
SBAS809 – FEBRUARY 2017
Product Folder Links: ADC32RF44
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
9.3.4.2 Operating Mode: Wide-Bandwidth Observation Receiver
This mode is intended for using a DDC with a wide bandwidth output, but for multiple bands. This mode uses a
single DDC chain where up to three NCOs can be used to perform wide-bandwidth observation in a multi-band
environment, as shown in Figure 73. The three NCOs can be switched dynamically using either the GPIO pins or
an SPI command. All three NCOs operate continuously to ensure phase continuity; however, when the NCO is
switched, the output data are invalid until the decimation filters are completely flushed with data from the new
band.
NOTE: Red traces show SYSREF going to the NCO blocks.
Figure 73. Decimation Filter Implementation for Single-Band and Wide-Bandwidth Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com