Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC32RF44IRMP Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF44IRMP
Description  Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC32RF44IRMP Datasheet(HTML) 49 Page - Texas Instruments

Back Button ADC32RF44IRMP Datasheet HTML 45Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 46Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 47Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 48Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 49Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 50Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 51Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 52Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 134 page
background image
49
ADC32RF44
www.ti.com
SBAS809 – FEBRUARY 2017
Product Folder Links: ADC32RF44
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
NOTE
The number of converters increases in dual-band DDC mode and with a complex output.
Table 11. Test Pattern Options (Register 37h)
BIT
NAME
DEFAULT
DESCRIPTION
7-4
TEST PATTERN
0000
Test pattern outputs on channel A and B.
0000 = Normal operation using ADC output data
0001 = Outputs all 0s
0010 = Outputs all 1s
0011 = Outputs toggle pattern: output data are an alternating sequence of
10101010101010 and 01010101010101
0100 = Output digital ramp: output data increment by one LSB every
clock cycle from code 0 to 65535
0110 = Single pattern: output data are a custom pattern 1 (75h and 76h)
0111 Double pattern: output data alternate between custom pattern 1 and
custom pattern 2
1000 = Deskew pattern: output data are AAAAh
1001 = SYNC pattern: output data are FFFFh
9.3.10.2 Transport Layer
The transport layer maps the ADC output data into 8-bit octets and constructs the JESD204B frames using the
LMFS parameters. Tail bits or 0's are added when needed. Alternatively, the JESD204B long transport layer test
pattern can be substituted instead of the ADC data with the JESD frame, as shown in Table 12.
Table 12. Transport Layer Test Mode EN (Register 01h)
BIT
NAME
DEFAULT
DESCRIPTION
4
TESTMODE EN
0
Generates long transport layer test pattern mode according
to section 5.1.6.3 of the JESD204B specification.
0 = Test mode disabled
1 = Test mode disabled
9.3.10.3 Link Layer
The link layer contains the scrambler and the 8b, 10b encoding of any data passed on from the transport layer.
Additionally, the link layer also handles the initial lane alignment sequence that can be manually restarted.
The link layer test patterns are intended for testing the quality of the link (jitter testing and so forth). The test
patterns do not pass through the 8b, 10b encoder and contain the options listed in Table 13.
Table 13. Link Layer Test Mode (Register 03h)
BIT
NAME
DEFAULT
DESCRIPTION
7-5
LINK LAYER TESTMODE
000
Generates a pattern according to section 5.3.3.8.2 of the
JESD204B document.
000 = Normal ADC data
001 = D21.5 (high-frequency jitter pattern)
010 = K28.5 (mixed-frequency jitter pattern)
011 = Repeat the initial lane alignment (generates a K28.5
character and repeats lane alignment sequences
continuously)
100 = 12-octet random pattern (RPAT) jitter pattern
Furthermore, a 215 pseudo-random binary sequence (PRBS) can be enabled by setting up a custom test pattern
(AAAAh) in the ADC section and running AAAAh through the 8b, 10b encoder with scrambling enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com