Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC32RF44IRMP Datasheet(PDF) 97 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF44IRMP
Description  Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC32RF44IRMP Datasheet(HTML) 97 Page - Texas Instruments

Back Button ADC32RF44IRMP Datasheet HTML 93Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 94Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 95Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 96Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 97Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 98Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 99Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 100Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 134 page
background image
97
ADC32RF44
www.ti.com
SBAS809 – FEBRUARY 2017
Product Folder Links: ADC32RF44
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
9.5.12.10 Register 00Bh (address = 00Bh), Decimation Filter Page
Figure 174. Register 00Bh
7
6
5
4
3
2
1
0
DDC0 NCO3 LSB
R/W-0h
LEGEND: R/W = Read/Write; -n = value after reset
Table 82. Register 00Bh Field Descriptions
Bit
Field
Type
Reset
Description
7-0
DDC0 NCO3 LSB
R/W
0h
These bits are the LSB of the NCO frequency word for NCO3 of
DDC0 (band 1).
The LSB represents fS / (2
16), where f
S is the ADC sampling
frequency.
9.5.12.11 Register 00Ch (address = 00Ch), Decimation Filter Page
Figure 175. Register 00Ch
7
6
5
4
3
2
1
0
DDC0 NCO3 MSB
R/W-0h
LEGEND: R/W = Read/Write; -n = value after reset
Table 83. Register 00Ch Field Descriptions
Bit
Field
Type
Reset
Description
7-0
DDC0 NCO3 MSB
R/W
0h
These bits are the MSB of the NCO frequency word for NCO3 of
DDC0 (band 1).
The LSB represents fS / (2
16), where f
S is the ADC sampling
frequency.
9.5.12.12 Register 00Dh (address = 00Dh), Decimation Filter Page
Figure 176. Register 00Dh
7
6
5
4
3
2
1
0
DDC1 NCO4 LSB
R/W-0h
LEGEND: R/W = Read/Write; -n = value after reset
Table 84. Register 00Dh Field Descriptions
Bit
Field
Type
Reset
Description
7-0
DDC1 NCO4 LSB
R/W
0h
These bits are the LSB of the NCO frequency word for NCO4 of
DDC1 (band 2, only when dual-band mode is enabled).
The LSB represents fS / (2
16), where f
S is the ADC sampling
frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com