Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AK4456 Datasheet(PDF) 21 Page - Asahi Kasei Microsystems

Part # AK4456
Description  115dB 768kHz Advanced 32-bit DAC
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4456 Datasheet(HTML) 21 Page - Asahi Kasei Microsystems

Back Button AK4456 Datasheet HTML 17Page - Asahi Kasei Microsystems AK4456 Datasheet HTML 18Page - Asahi Kasei Microsystems AK4456 Datasheet HTML 19Page - Asahi Kasei Microsystems AK4456 Datasheet HTML 20Page - Asahi Kasei Microsystems AK4456 Datasheet HTML 21Page - Asahi Kasei Microsystems AK4456 Datasheet HTML 22Page - Asahi Kasei Microsystems AK4456 Datasheet HTML 23Page - Asahi Kasei Microsystems AK4456 Datasheet HTML 24Page - Asahi Kasei Microsystems AK4456 Datasheet HTML 25Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 84 page
background image
[AK4456]
015006886-E-00
2015/06
- 21 -
(Ta=-40  105C; AVDD=3.0  5.5V, TVDD=1.62  1.98V / 3.0  3.6V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Control Interface Timing (3-wire Serial mode):
CCLK Period
CCLK Pulse Width Low
Pulse Width High
CDTI Setup Time
CDTI Hold Time
CSN “H” Time
CSN “” to CCLK “”
CCLK “” to CSN “”
tCCK
tCCKL
tCCKH
tCDS
tCDH
tCSW
tCSS
tCSH
200
80
80
40
40
150
50
50
nsec
nsec
nsec
nsec
nsec
nsec
nsec
nsec
Control Interface Timing (I
2C Bus mode):
SCL Clock Frequency
Bus Free Time Between Transmissions
Start Condition Hold Time (prior to first clock pulse)
Clock Low Time
Clock High Time
Setup Time for Repeated Start Condition
SDA Hold Time from SCL Falling
(Note 30)
SDA Setup Time from SCL Rising
Rise Time of Both SDA and SCL Lines
Fall Time of Both SDA and SCL Lines
Setup Time for Stop Condition
Pulse Width of Spike Noise Suppressed by Input Filter
Capacitive load on bus
fSCL
tBUF
tHD:STA
tLOW
tHIGH
tSU:STA
tHD:DAT
tSU:DAT
tR
tF
tSU:STO
tSP
Cb
-
1.3
0.6
1.3
0.6
0.6
0
0.1
-
-
0.6
0
-
400
-
-
-
-
-
-
-
1.0
0.3
-
50
400
kHz
sec
sec
sec
sec
sec
sec
sec
sec
sec
nsec
pF
Power-down & Reset Timing
(Note 31)
PDN Accept Pulse Width
PDN Reject Pulse Width
tAPD
tRPD
150
30
nsec
nsec
Note 30. Data must be held for sufficient time to bridge the 300 ns transition time of SCL.
Note 31.The AK4456 can be reset by setting the PDN pin to “L” upon power-up. The PDN pin must held “L”
for more than 150ns for a certain reset. The AK4456 is not reset by the “L” pulse less than 30ns.
Note 32. I
2C is a trademark of NXP B.V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com