Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AK4456 Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AK4456
Description  115dB 768kHz Advanced 32-bit DAC
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4456 Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AK4456 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4456 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4456 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4456 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4456 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4456 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4456 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4456 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4456 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 84 page
background image
[AK4456]
015006886-E-00
2015/06
- 5 -
4. Block Diagram and Functions
Block Diagram
MCLK
SDTI1/DSDR1
LRCK/DSDL1
CAD0_I2C/CSN/DIF
BICK/DCLK
SCL/CCLK/TDM1
SDA/CDTI/TDM0
PDN
AVDD
Clock
Divider
DVSS
TVDD
PS/CAD0_SPI
AOUTR1N
VREFH1
VREFL1
AVSS
AOUTL1P
AOUTR1P
PCM
Data
Interface
De-empha
sis
DSD
Data
Interface
8X
Interpolator
Control
Register
SCF
SCF
AOUTR2N
VREFH2
VREFL2
AOUTL2P
AOUTR2P
Vref
SDTI2/DSDL2
8X
Interpolator
SCF
SCF
Vref
Bias
I2C
AOUTR3N
VREFH3
VREFL3
AOUTL3P
AOUTR3P
8X
Interpolator
SCF
SCF
Vref
SDTI3/DSDR2/TDMO1
DSDL3/TDMO2
DSDR3
VDD18
LDO
DZF/SMUTE
CAD1/DCHAIN
LDOE
DATT
Soft Mute
DSD Filter
DATT
Soft Mute
DATT
Soft Mute
DSD Filter
DATT
Soft Mute
DATT
Soft Mute
DSD Filter
DATT
Soft Mute

Modulator
Noise
Rejection
Filter

Modulator
Noise
Rejection
Filter

Modulator
Noise
Rejection
Filter
AOUTL2N
AOUTL1N
AOUTL3N
Figure 1. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com