Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AK4456 Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AK4456
Description  115dB 768kHz Advanced 32-bit DAC
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4456 Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AK4456 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4456 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4456 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4456 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4456 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4456 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4456 Datasheet HTML 11Page - Asahi Kasei Microsystems AK4456 Datasheet HTML 12Page - Asahi Kasei Microsystems AK4456 Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 84 page
background image
[AK4456]
015006886-E-00
2015/06
- 9 -
No.
Pin Name
I/O
Function
PD State
22
AOUTR1N
O
Rch Negative Analog Output 1 Pin
Hi-Z
23
AOUTR1P
O
Rch Positive Analog Output 1 Pin
Hi-Z
24
AOUTL2P
O
Lch Positive Analog Output 2 Pin
Hi-Z
25
AOUTL2N
O
Lch Negative Analog Output 2 Pin
Hi-Z
26
VREFL2
-
Negative Voltage Reference Input Pin, AVSS
Hi-Z
27
VREFH2
-
Positive Voltage Reference Input Pin, AVDD
Hi-Z
28
AOUTR2N
O
Rch Negative Analog Output 2 Pin
Hi-Z
29
AOUTR2P
O
Rch Positive Analog Output 2 Pin
Hi-Z
30
AVSS
-
Analog Ground Pin
31
AVDD
-
Analog Power Supply Pin, 3.0V5.5V
32
AOUTL3P
O
Lch Positive Analog Output 3 Pin
Hi-Z
33
AOUTL3N
O
Lch Positive Analog Output 3 Pin
Hi-Z
34
VREFH3
-
Positive Voltage Reference Input Pin, AVDD
Hi-Z
35
VREFL3
-
Negative Voltage Reference Input Pin, AVSS
Hi-Z
36
AOUTR3N
O
Rch Negative Analog Output 3 Pin
Hi-Z
37
AOUTR3P
O
Rch Positive Analog Output 3Pin
Hi-Z
38
TST3
-
This pin must be connected to AVSS.
Hi-Z
39
TST4
-
This pin must be connected to AVSS.
Hi-Z
40
TST5
-
This pin must be connected to AVSS.
Hi-Z
41
TST6
-
This pin must be connected to AVSS.
Hi-Z
42
TST7
-
This pin must be connected to AVSS.
Hi-Z
43
TST8
-
This pin must be connected to AVSS.
Hi-Z
44
LDOE
I
Internal LDO Enable Pin.
“L”: Disable, “H”: Enable
Hi-Z
45
TVDD
-
Digital Power Supply Pin, 3.0V3.6V
46
DVSS
-
Digital Ground Pin
47
VDD18
O
LDO Output Pin
This pin should be connected to DVSS via 1.0µF.
(Note 4)
I
1.8V Power Input Pin (LDOE pin = “L”)
48
PDN
I
Power-Down & Reset Pin
When this pin is “L”, the AK4456 is powered-down and the
control registers are reset to default state.
Hi-Z
Note 2. All input pins except internal pull-up/down pins must not be allowed to float.
Note 3. PCM mode and DSD mode are controlled by registers. Daisy Chain mode is controlled by both
registers and pins.
Note 4. This pin outputs DVSS when the LDOE pin = “H” and Hi-z when the LDOE pin = “L”.
Handling of Unused Pin
The unused I/O pins must be connected appropriately.
Classification Pin Name
Setting
Analog
AOUTL1P/N, AOUTR1P/N
AOUTL2P/N, AOUTR2P/N
AOUTL3P/N, AOUTR3P/N
These pins must be open.
Digital
DZF
This pin must be open.
SDTI1-3
These pins must be connected to DVSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com