Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7412 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7412
Description  CARRADIO SIGNAL PROCESSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7412 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7412 Datasheet HTML 5Page - STMicroelectronics TDA7412 Datasheet HTML 6Page - STMicroelectronics TDA7412 Datasheet HTML 7Page - STMicroelectronics TDA7412 Datasheet HTML 8Page - STMicroelectronics TDA7412 Datasheet HTML 9Page - STMicroelectronics TDA7412 Datasheet HTML 10Page - STMicroelectronics TDA7412 Datasheet HTML 11Page - STMicroelectronics TDA7412 Datasheet HTML 12Page - STMicroelectronics TDA7412 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
9/56
TDA7412
fLP
Lowpass corner frequency
fLP1
2.7
3
3.3
kHz
fLP2
5.4
6
6.6
kHz
SUBWOOFER ATTENUATORS
Rin
Input Impedance
35
50
65
k
Ω
GMAX
Max. Gain
14
15
16
dB
AATTN
Max. Attenuation
-83
-79
-75
dB
ASTEP
Step Resolution
0.5
1
1.5
dB
AMUTE
Output Mute Attenuation
80
90
dB
EE
Attenuation Set Error
2dB
VDC
DC Steps
Adjacent Attenuation Steps
1
5
mV
SUBWOOFER Lowpass
fLP
Lowpass corner frequency
fLP1
72
80
88
Hz
fLP2
108
120
132
Hz
fLP3
144
160
176
Hz
Notes: 1. If programmed as Subwoofer Diff.-Output
DIFFERENTIAL OUTPUTS1)
RL
load resistance at each output
1VRMS; AC coupled; THD=1%
1
k
Ω
2VRMS; AC coupled; THD=1%
2
k
Ω
RDL
load resistance differential
1VRMS; AC coupled; THD=1%
2
k
Ω
2VRMS; AC coupled; THD=1%
4
k
Ω
CLMAX
Capacitive load at each output
CLmax at each Output to Ground
10
nF
CDLMAX
Capacitive load differential
CLmax between Output terminals
5
nF
VOffset
DC Offset at pins
Output muted
-10
10
mV
ROUT
Output Impedance
30
100
Ω
VDC
DC Voltage Level
4.3
4.5
4.7
V
eNO
Output Noise
Output muted
6
15
µV
Notes: 1. If programmed as Subwoofer Diff.-Output
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
ELECTRICAL CHARACTERISTICS (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com