Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7412 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7412
Description  CARRADIO SIGNAL PROCESSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7412 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7412 Datasheet HTML 1Page - STMicroelectronics TDA7412 Datasheet HTML 2Page - STMicroelectronics TDA7412 Datasheet HTML 3Page - STMicroelectronics TDA7412 Datasheet HTML 4Page - STMicroelectronics TDA7412 Datasheet HTML 5Page - STMicroelectronics TDA7412 Datasheet HTML 6Page - STMicroelectronics TDA7412 Datasheet HTML 7Page - STMicroelectronics TDA7412 Datasheet HTML 8Page - STMicroelectronics TDA7412 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
5/56
TDA7412
ELECTRICAL CHARACTERISTICS
VS = 9V; Tamb = 25°C; RL = 10kΩ; all gains = 0dB; f = 1kHz; unless otherwise specified
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
INPUT SELECTOR
Rin
Input Resistance
all single ended Inputs
70
100
130
k
Ω
VCL
Clipping Level
1.8
2.2
VRMS
SIN
Input Separation
80
100
dB
GIN MIN
Min. Input Gain
-1
0
+1
dB
GIN MAX
Max. Input Gain
13
15
17
dB
GSTEP
Step Resolution
0.5
1
1.5
dB
VDC
DC Steps
Adjacent Gain Steps
-5
1
5
mV
GMIN to GMAX
-10
6
10
mV
Voffset
Remaining offset with AutoZero
0.5
mV
DIFFERENTIAL STEREO INPUTS
Rin
Input Resistance
(see Figure 1)
Differential
70
100
130
k
Ω
GCD
Gain
only at true differential input
-1
0
1
dB
-5
-6
7
dB
-11
-12
-13
dB
CMRR
Common Mode Rejection Ratio
VCM = 1VRMS @ 1kHz
46
70
dB
VCM = 1VRMS @ 10kHz
46
60
dB
eNO
Output-Noise @ Speaker-Outputs 20Hz - 20kHz, flat; all stages 0dB
9
15
µV
DIFFERENTIAL MONO INPUTS
Rin
Input Impedance
Differential
40
56
72
k
Ω
CMRR
Common Mode Rejection Ratio
VCM = 1VRMS @ 1kHz
40
70
dB
VCM = 1VRMS @ 10kHz
40
60
dB
BEEP CONTROL
VRMS
Beep Level
Mix-Gain = 6dB
250
350
500
mV
fBeep
Beep Frequency
fBeep1
570
600
630
Hz
fBeep2
740
780
820
Hz
fBeep1
1.48
1.56
1.64
kHz
fBeep1
2.28
2.4
2.52
kHz
MIXING CONTROL
MLEVEL
Mixing Ratio
Main / Mix-Source
-6/-6
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com