Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DA9063 Datasheet(PDF) 13 Page - Dialog Semiconductor

Part # DA9063
Description  System PMIC for Mobile Application Processors
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9063 Datasheet(HTML) 13 Page - Dialog Semiconductor

Back Button DA9063_17 Datasheet HTML 9Page - Dialog Semiconductor DA9063_17 Datasheet HTML 10Page - Dialog Semiconductor DA9063_17 Datasheet HTML 11Page - Dialog Semiconductor DA9063_17 Datasheet HTML 12Page - Dialog Semiconductor DA9063_17 Datasheet HTML 13Page - Dialog Semiconductor DA9063_17 Datasheet HTML 14Page - Dialog Semiconductor DA9063_17 Datasheet HTML 15Page - Dialog Semiconductor DA9063_17 Datasheet HTML 16Page - Dialog Semiconductor DA9063_17 Datasheet HTML 17Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 219 page
background image
DA9063
System PMIC for Mobile Application Processors
Datasheet
DA9063_2v1
23-Mar-2017
CFR0011-120-00
13 of 219
© 2017 Dialog Semiconductor
4.2
Pinout
Figure 4: Connection Diagram
Table 2: Pin Type Definition
Pin Type
Description
Pin Type
Description
DI
Digital input
AI
Analog input
DO
Digital output
AO
Analog output
DIO
Digital input/output
AIO
Analog input/output
PWR
Power supply
GND
Ground connection
1
2
3
4
5
6
7
8
9
10
A
XTAL_OUT
VREF
VSYS
SO
SI
VDDCORE
DATA_
GPIO14
CLK_
GPIO15
nVDD_FAULT
_
GPIO12
OUT32K
A
DA9063 (8x8)
B
XTAL_IN
VLNREF
nCS
SK
VTTR_
CMP1V2
CHG_WAKE
nIRQ
nSHUTDOWN
SYS_EN_
GPIO8
PWR1_EN_
GPIO10
B
BGA100 (87 + 13 VSS)
VHPWR
Very High Power
Signals
up to 1A/ball,
maximize routing width
C
VLDO11
IREF
VDD_IO2
VDD_IO1
ADCIN2_
GPIO1
ADCIN3_
GPIO2
ADCIN1_
GPIO0
GP_FB2
PWR_EN_
GPIO9
V_CP
C
HIPWR
High Power Signals
up to 1A, use wide
routing
MPWR
Power Signals
up to 500mA
D
VLDO10
VDD_LDO11
GPIO_7
VDDQ_
E_GPI2
TP
VSS_QUIET
VSS_QUIET
PERI_SWS_
GPIO6
nRESET
SWBUCKPRO
_B
D
NOISY
Noisy Digital Signals
not sensitive to noise
NORM
Quasi Static Digital
Signals
not sensitive to noise
E
VLDO9
VDD_
LDO7_8
VDD_
LDO9_10
VSS_QUIET
VSS_NOISY
VSS_NOISY
VSS_NOISY
GP_FB1_
GPIO13
GPIO11
SWBUCKPRO
_A
E
SENS
Sensitive Analog
Signals
XXX
Potentially not used
(improved heat sink
VSS plane when vias
removed)
F
VLDO8
VLDO7
VDD_LDO6
VSS_QUIET
VSS_NOISY
VSS_NOISY
VSS_NOISY
VDD_
BUCKPRO
VDD_
BUCKPRO
SW
BUCKCORE2_
A
F
Via
VSS_NOISY
Noisy High Power
Ground,
maximize routing
width
G
VLDO6
VDD_LDO5
VDD_LDO3
VDD_LDO4
VSS_NOISY
VSS_NOISY
VSS_NOISY
VDD_
BUCKCORE2
VDD_
BUCKCORE2
SW
BUCKCORE2_
B
G
VSS_QUIET
Quiet Ground,
use wide routing
PCB routing
H
VLDO5
VDD_LDO2
VDD_LDO1
VDD_
BUCKPERI
VDD_
BUCKMEM
VDD_
BUCKIO
VDD_
BUCKCORE1
VDD_
BUCKCORE1
GP_FB3
SW
BUCKCORE1_
A
H
J
VLDO4
VBUCKPERI
VBUCKMEM
nOFF
PERI_SWG_
GPIO5
CORE_SWG_
GPIO3
nONKEY
CORE_SWS_
GPIO4
VBBAT
SW
BUCKCORE1_
B
J
K
VLDO3
VLDO2
VLDO1
VBUCKIO
SWBUCKPERI
SWBUCKME
M
SWBUCKIO
VBUCKCORE
1
VBUCKCORE
2
VBUCKPRO
K
1
2
3
4
5
6
7
8
9
10
see balls through package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com