Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DA9063 Datasheet(PDF) 39 Page - Dialog Semiconductor

Part # DA9063
Description  System PMIC for Mobile Application Processors
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9063 Datasheet(HTML) 39 Page - Dialog Semiconductor

Back Button DA9063_17 Datasheet HTML 35Page - Dialog Semiconductor DA9063_17 Datasheet HTML 36Page - Dialog Semiconductor DA9063_17 Datasheet HTML 37Page - Dialog Semiconductor DA9063_17 Datasheet HTML 38Page - Dialog Semiconductor DA9063_17 Datasheet HTML 39Page - Dialog Semiconductor DA9063_17 Datasheet HTML 40Page - Dialog Semiconductor DA9063_17 Datasheet HTML 41Page - Dialog Semiconductor DA9063_17 Datasheet HTML 42Page - Dialog Semiconductor DA9063_17 Datasheet HTML 43Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 219 page
background image
DA9063
System PMIC for Mobile Application Processors
Datasheet
DA9063_2v1
23-Mar-2017
CFR0011-120-00
39 of 219
© 2017 Dialog Semiconductor
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Turn-on time
TON
10 % to 90 %
200
μs
SLEEP mode
260
Turn off time
TOFF
90 % to 10 %
Pull-down resistor enabled
1
ms
Pull-down
resistance in OFF
mode
ROFF
Can be disabled via
LDO9_PD_DIS
100
Ω
Note 1
Max output current is 30 % when the input voltage is 1.5 V
Note 2
Programmable in 50 mV voltage steps, maximum output voltage is determined by VDD - dropout
voltage
Note 3
At trimmed output voltage
Note 4
Measured at point of load
Note 5
Internal regulator current flowing to ground
5.8.10
LDO10
Table 22: LDO10, TJ = -40 ºC to 125 ºC
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input voltage
VDD
VDD = VSYS
2.8
5.5
V
If supplied from buck
1.5
Note 1
Output voltage
VLDO
0.9
Note 2
3.6
V
Output accuracy
VDD = VSYS = 2.8 to 5.5 V
IOUT = 300 mA
Including static line/load
regulation
-3
+3
%
Stabilisation
capacitor
COUT
Including voltage and
temperature coefficient
configured VLDO10
-55%
2.2
+35%
µF
Output capacitor
ESR
RCOUT_ESR
f > 1 MHz
Including wiring parasitics
0
300
m
Ω
Output current
IOUT_max
VDD = VSYS = 2.8 V to 5.5 V
300
mA
Short circuit current
ISHORT
600
mA
Maximum sleep
mode current
ISLEEP
VDD ≥ 1.8 V
30
mA
Dropout voltage
VDROPOUT
VDD = VSYS > 2.8 V
IOUT = 300 mA
(VDD = 1.5 V, IOUT = IMAX/3)
100
150
mV
Static line
regulation
VS_LINE
VDD = VSYS = 3.0 V to 5.5 V
IOUT = 300 mA
2
10
mV
Static load
regulation
VS_LOAD
IOUT = 1 mA to 300 mA
5
20
mV
Line transient
response
VTR_LINE
VDD = VSYS = 3.0 V to 3.6 V
IOUT = 300 mA
tr = tf = 10 µs
5
10
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com