| Electronic Components Datasheet Search |
|
FT311D-32L1C-R Datasheet(PDF) 15 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
FT311D-32L1C-R Datasheet(HTML) 15 Page - Future Technology Devices International Ltd. |
|
15 / 40 page ![]() Copyright © 2013 Future Technology Devices International Limited 15 DS_FT311D USB ANDROID HOST IC Datasheet Version 1.2 Document No.: FT_000660 Clearance No.: FTDI# 305 I²C defines three basic types of message, each of which begins with a START and ends with a STOP: Single message where a master writes data to a slave; Single message where a master reads data from a slave; Combined messages, where a master issues at least two reads and/or writes to one or more slaves In a combined message, each read or write begins with a START and the slave address. After the first START, these are also called repeated START bits; repeated START bits are not preceded by STOP bits, which is how slaves know the next transfer is part of the same message. Please refer to the I2C specification for more information on the protocol. 5.5 Serial Peripheral Interface – SPI Modes The Serial Peripheral Interface Bus is an industry standard communications interface. Devices communicate in Master / Slave mode, with the Master initiating the data transfer. FT311D has one master module and one slave module. Both the SPI master and slave module has four signals – clock, slave select, MOSI (master out – slave in) and MISO (master in – slave out). Table 5.2 lists how the signals are named in each module. Module Signal Name Type Description SPI Slave spi_s_clk Input Clock input spi_s_ss# Input Active low slave select input spi_s_mosi Input Master out serial in spi_s_miso Output Master in slave out SPI Master spi_m_clk Output Clock output – master spi_m_mosi Output Master out slave in - master spi_m_miso Input Master in slave out - master spi_m_ss_0# Output Active low slave select 0 from master to slave 0 Table 5.2 SPI Signal Names The SPI slave protocol by default does not support any form of handshaking. It is simply transferring 8 bit data. 5.5.1 SPI Clock Phase Modes SPI interface has 4 unique modes of clock phase (CPHA) and clock polarity (CPOL), known as Mode 0, Mode 1, Mode 2 and Mode 3. Table 5.3 summarizes these modes and available interface and Figure 5-5 is the function timing diagram. For CPOL = 0, the base (inactive) level of SCLK is 0. In this mode: • When CPHA = 0, data is clocked in on the rising edge of SCLK, and data is clocked out on the falling edge of SCLK. • When CPHA = 1, data is clocked in on the falling edge of SCLK, and data is clocked out on the rising edge of SCLK For CPOL =1, the base (inactive) level of SCLK is 1. In this mode: • When CPHA = 0, data is clocked in on the falling edge of SCLK, and data is clocked out on the rising edge of SCLK • When CPHA =1, data is clocked in on the rising edge of SCLK, and data is clocked out on the falling edge of SCLK. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |