Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FT311D-32L1C-R Datasheet(PDF) 16 Page - Future Technology Devices International Ltd.

Part # FT311D-32L1C-R
Description  USB Android Host IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT311D-32L1C-R Datasheet(HTML) 16 Page - Future Technology Devices International Ltd.

Back Button FT311D-32L1C-R Datasheet HTML 12Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 13Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 14Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 15Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 16Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 17Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 18Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 19Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 20Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
Copyright © 2013 Future Technology Devices International Limited
16
DS_FT311D
USB ANDROID HOST IC Datasheet
Version 1.2
Document No.: FT_000660 Clearance No.: FTDI# 305
Mode
CPOL CPHA
0
0
0
1
0
1
2
1
0
3
1
1
Table 5.3
- Clock Phase/Polarity Modes
Figure 5-5 - SPI CPOL CPHA Function
5.5.2 Serial Peripheral Interface – Slave
External - SPI Master
FT311 - SPI Slave
CLK
SS#
MISO
MOSI
Figure 5-6 SPI Slave block diagram
FT311D has an SPI Slave module that uses four wire interfaces: MOSI, MISO, CLK and SS#. An SPI
transfer can only be initiated by the SPI Master and begins with the slave select signal being asserted.
This is followed by a data byte being clocked out with the master supplying CLK. The master always
supplies the first byte, which is called a command byte. After this the desired number of data bytes are
transferred before the transaction is terminated by the master de-asserting slave select. An SPI Master is
able to abort a transfer at any time by de-asserting its SS# output. This will cause the Slave to end its
current transfer and return to idle state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com