Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STTH8R06-Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH8R06-Y
Description  Reduces switching losses
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH8R06-Y Datasheet(HTML) 1 Page - STMicroelectronics

  STTH8R06-Y Datasheet HTML 1Page - STMicroelectronics STTH8R06-Y Datasheet HTML 2Page - STMicroelectronics STTH8R06-Y Datasheet HTML 3Page - STMicroelectronics STTH8R06-Y Datasheet HTML 4Page - STMicroelectronics STTH8R06-Y Datasheet HTML 5Page - STMicroelectronics STTH8R06-Y Datasheet HTML 6Page - STMicroelectronics STTH8R06-Y Datasheet HTML 7Page - STMicroelectronics STTH8R06-Y Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
November 2011
Doc ID 022291 Rev 1
1/8
8
STTH8R06-Y
Automotive Turbo 2 ultrafast high voltage rectifier
Features
■ Ultrafast switching
■ Low reverse recovery current
■ Low thermal resistance
■ Reduces switching losses
■ AEC-Q101 qualified
Description
The STTH8R06, which uses ST Turbo 2 600 V
technology, is specially suited as a boost diode in
continuous mode power factor correction and
hard switching conditions. This device is also
intended for use as a free wheeling diode in
power supplies and other power switching
applications.
Table 1.
Device summary
Symbol
Value
IF(AV)
8 A
VRRM
600 V
Tj
175 °C
VF (typ)
1.5 V
trr (max)
45 ns
K
A
NC
D2PAK
STTH8R06G-Y
www.st.com


Similar Part No. - STTH8R06-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH8R06 STMICROELECTRONICS-STTH8R06 Datasheet
112Kb / 7P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
Jan-2002
STTH8R06 STMICROELECTRONICS-STTH8R06 Datasheet
173Kb / 12P
Turbo 2 ultrafast high voltage rectifier
10-Aug-2006
STTH8R066G-TR STMICROELECTRONICS-STTH8R066G-TR Datasheet
173Kb / 12P
Turbo 2 ultrafast high voltage rectifier
10-Aug-2006
STTH8R06D STMICROELECTRONICS-STTH8R06D Datasheet
112Kb / 7P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
Jan-2002
STTH8R06D STMICROELECTRONICS-STTH8R06D Datasheet
173Kb / 12P
Turbo 2 ultrafast high voltage rectifier
10-Aug-2006
More results

Similar Description - STTH8R06-Y

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYC8D-600 NXP-BYC8D-600 Datasheet
162Kb / 11P
Hyperfast power diode Reduces switching losses in associated MOSFET
Rev. 01-27 December 2010
logo
Diodes Incorporated
ZXGD3006 DIODES-ZXGD3006 Datasheet
332Kb / 2P
High current 40V Gate Driver reduces IGBT switching losses
JUNE 2011
logo
International Rectifier
IRGB4045DPBF IRF-IRGB4045DPBF_15 Datasheet
387Kb / 10P
Low Switching Losses
logo
HY ELECTRONIC CORP.
HYG15P120A1K1 HY-HYG15P120A1K1 Datasheet
1Mb / 8P
low switching losses
HYG30P120H1K1 HY-HYG30P120H1K1 Datasheet
1Mb / 8P
low switching losses
HYG75P120D1S HY-HYG75P120D1S Datasheet
474Kb / 4P
low switching losses
logo
Infineon Technologies A...
IGC136T170S8RH2 INFINEON-IGC136T170S8RH2 Datasheet
175Kb / 5P
low switching losses and saturation losses
logo
International Rectifier
AUIRGDC0250 IRF-AUIRGDC0250 Datasheet
305Kb / 11P
Low Switching Losses
logo
STMicroelectronics
STTH15AC06 STMICROELECTRONICS-STTH15AC06 Datasheet
305Kb / 8P
Reduces switching and conduction losses
24-Apr-2015
logo
Littelfuse
MG12150S-DEN2MM LITTELFUSE-MG12150S-DEN2MM Datasheet
1Mb / 5P
Low switching losses
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com