Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STTH8R06-Y Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH8R06-Y
Description  Reduces switching losses
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH8R06-Y Datasheet(HTML) 4 Page - STMicroelectronics

  STTH8R06-Y Datasheet HTML 1Page - STMicroelectronics STTH8R06-Y Datasheet HTML 2Page - STMicroelectronics STTH8R06-Y Datasheet HTML 3Page - STMicroelectronics STTH8R06-Y Datasheet HTML 4Page - STMicroelectronics STTH8R06-Y Datasheet HTML 5Page - STMicroelectronics STTH8R06-Y Datasheet HTML 6Page - STMicroelectronics STTH8R06-Y Datasheet HTML 7Page - STMicroelectronics STTH8R06-Y Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Characteristics
STTH8R06-Y
4/8
Doc ID 022291 Rev 1
Figure 5.
Reverse recovery time versus
dIF/dt (typical values)
Figure 6.
Reverse recovery charges
versus dIF/dt (typical values)
t (ns)
rr
0
10
20
30
40
50
60
70
80
90
0
50
100
150
200
250
300
350
400
450
500
IF=IF(AV)
VR=400 V
Tj=125 °C
dI /dt(A/µs)
F
Q (nC)
rr
0
20
40
60
80
100
120
140
160
180
200
0
50
100
150
200
250
300
350
400
450
500
IF=IF(AV)
VR=400 V
Tj=125 °C
dI /dt(A/µs)
F
Figure 7.
Reverse recovery softness factor
versus dIF/dt (typical values)
Figure 8.
Relative variations of dynamic
parameters versus junction
temperature
S factor
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
50
100
150
200
250
300
350
400
450
500
IF=IF(AV)
VR=400 V
Tj=125 °C
dI /dt(A/µs)
F
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
25
50
75
100
125
IF=IF(AV)
VR=400 V
Reference: Tj=125 °C
IRM
SFACTOR
QRR
T (°C)
j



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com