Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STTH8R06-Y Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTH8R06-Y
Description  Reduces switching losses
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH8R06-Y Datasheet(HTML) 5 Page - STMicroelectronics

  STTH8R06-Y Datasheet HTML 1Page - STMicroelectronics STTH8R06-Y Datasheet HTML 2Page - STMicroelectronics STTH8R06-Y Datasheet HTML 3Page - STMicroelectronics STTH8R06-Y Datasheet HTML 4Page - STMicroelectronics STTH8R06-Y Datasheet HTML 5Page - STMicroelectronics STTH8R06-Y Datasheet HTML 6Page - STMicroelectronics STTH8R06-Y Datasheet HTML 7Page - STMicroelectronics STTH8R06-Y Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
STTH8R06-Y
Characteristics
Doc ID 022291 Rev 1
5/8
Figure 9.
Transient peak forward voltage
versus dIF/dt (typical values)
Figure 10.
Forward recovery time versus
dIF/dt (typical values)
V
(V)
FP
0
2
4
6
8
10
12
0
50
100
150
200
250
300
350
400
450
500
IF=IF(AV)
Tj=125 °C
dI /dt(A/µs)
F
t
(ns)
FR
0
20
40
60
80
100
120
140
160
0
50
100
150
200
250
300
350
400
450
500
IF=IF(AV)
VFR=2.5V
Tj=125 °C
dI /dt(A/µs)
F
Figure 11.
Junction capacitance versus
reverse voltage applied
(typical values)
Figure 12.
Thermal resistance junction to
ambient versus copper surface
under tab
C(pF)
10
100
1
10
100
1000
F=1 MHz
VOSC=30 mVRMS
Tj=25 °C
V (V)
R
R
(°C/W)
th(j-a)
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
Epoxy printed circuit board FR4,
copper thickness = 35 µm
S(Cu)(cm²)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com