Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCT50N120 Datasheet(PDF) 7 Page - STMicroelectronics

Part # SCT50N120
Description  High voltage DC-DC converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SCT50N120 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SCT50N120 Datasheet HTML 3Page - STMicroelectronics SCT50N120 Datasheet HTML 4Page - STMicroelectronics SCT50N120 Datasheet HTML 5Page - STMicroelectronics SCT50N120 Datasheet HTML 6Page - STMicroelectronics SCT50N120 Datasheet HTML 7Page - STMicroelectronics SCT50N120 Datasheet HTML 8Page - STMicroelectronics SCT50N120 Datasheet HTML 9Page - STMicroelectronics SCT50N120 Datasheet HTML 10Page - STMicroelectronics SCT50N120 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
SCT50N120
Electrical characteristics
DocID027989 Rev 4
7/11
Figure 14: Normalized gate threshold voltage vs.
temperature
Figure 15: Normalized on-resistance vs. temperature
Figure 16: Reverse conduction characteristics
(TJ = -50 °C)
Figure 17: Reverse conduction characteristics
(TJ = 25 °C)
Figure 18: Reverse conduction characteristics (TJ = 150 °C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com